Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABC41-1015P Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC41-1015P
Description  3 x 2 x 0.75 Inch Form factor PCB Mount option available
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC41-1015P Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC41-1015P Datasheet HTML 1Page - Bel Fuse Inc. ABC41-1015P Datasheet HTML 2Page - Bel Fuse Inc. ABC41-1015P Datasheet HTML 3Page - Bel Fuse Inc. ABC41-1015P Datasheet HTML 4Page - Bel Fuse Inc. ABC41-1015P Datasheet HTML 5Page - Bel Fuse Inc. ABC41-1015P Datasheet HTML 6Page - Bel Fuse Inc. ABC41-1015P Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ABC41 Series
tech.support@psbel.com
5.
EMC SPECIFICATIONS
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Conducted Emissions
EN 55032-B, CISPR22-B, FCC PART15-B
Pass
Radiated Emissions
EN 55032 A;
with external core (King core K5B RC 25x12x15-M in input cable)
Pass
Level B
Input Current Harmonics
EN 61000-3-2
Class A
Voltage Fluctuation and Flicker
EN 61000-3-3
Pass
ESD Immunity
EN 61000-4-2
Level 3, Criterion A
Radiated Field Immunity
EN 61000-4-3
Level 3, Criterion A
Electrical Fast Transient Immunity
EN 61000-4-4
Level 3, Criterion A
Surge Immunity
EN 61000-4-5
Level 3, Criterion A
Conducted Immunity
EN 61000-4-6
Level 3, Criterion A
Magnetic Field Immunity
EN 61000-4-8
Level 3, Criterion A
Voltage Dips, Interruptions
EN 61000-4-11
Criterion A & B
6.
SAFETY SPECIFICATIONS
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Isolation Voltage
Input to Output
4000 VDC
Safety Standard(s)
EN / IEC / UL 62368-1 (Ed.3)
Agency Approvals
Nemko, UL, C-UL
CE mark
Complies with LVD Directive
7.
CONNECTOR & PIN DESCRIPTION
CONNECTOR
PIN
DESCRIPTION / CONDITION
MANUFACTURER / PN
AC Input Connector
J1
Screw Terminal / Header
Pin 1
Pin 2
Pin 3
AC Line
Not Fitted
AC Neutral
Tyco: 640445-3
Mating: 647402-3; Pins: 3-647409-1
(Header)
DC Output Connector
J2
Screw Terminal / Header
Pin 1, 2
Pin 3, 4
V1 +VE
V1 -VE
Tyco: 640445-4
Mating: 647402-4; Pins: 3-647409-1
8.
MECHANICAL SPECIFICATIONS
PARAMETER
DESCRIPTION / CONDITION
Weight
approx. 100 g
Dimensions
76.2 x 50.8 x 19.05 mm (3 x 2 x 0.75 inches)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com