Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7D-MS4 Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # R7D-MS4
Description  Remote I/O R7 Series DeviceNet I/O MODULE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7D-MS4 Datasheet(HTML) 8 Page - M-System Co.,Ltd.

Back Button R7D-MS4 Datasheet HTML 4Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 5Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 6Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 7Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 8Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 9Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 10Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 11Page - M-System Co.,Ltd. R7D-MS4 Datasheet HTML 12Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
MODEL: R7D
R7D SPECIFICATIONS
ES-7802 Rev.21 Page 8/38
http://www.m-system.co.jp/
■ R7D-PA8
The table below shows data allocation of R7D-PA8. Parameter preset and other settings are available with command
setting of R7D-PA8. Set the commands according to the procedure explained next.
Parameter of each channel is two-word integer not signed. Make sure that data is written or read in a two-word unit.
When overflowing, the value to which response can be set is “0” or “1”. The maximum range available is 1000 to
4294967295. (Factory setting: 9999999)
Parameters may be preset to a value between the overflow response value and the maximum value.
Begin +0
+1
+2
Data to write (upper)
CH0
Data to write (lower)
CH0
Data to write (upper)
CH1
Data to write (lower)
CH1
Data to write (upper)
CH2
Data to write (lower)
CH2
Data to write (upper)
CH3
Data to write (lower)
CH3
Data to write (upper)
CH4
Data to write (lower)
CH4
Data to write (upper)
CH5
Data to write (lower)
CH5
Data to write (upper)
CH6
Data to write (lower)
CH6
Data to write (upper)
CH7
Data to write (lower)
Extension discrete output data
–
Command setting
• Command address
CH0: Bit 0, 1
CH1: Bit 2, 3
CH2: Bit 4, 5
CH3: Bit 6, 7
CH4: Bit 8, 9
CH5: Bit 10, 11
CH6: Bit 12, 13
CH7: Bit 14, 15
• Command
00: Read data
01: Preset
10: Overflow response value
11: Maximum value
CH7
OUTPUT DATA
INPUT DATA
+3
0
15
+4
+5
+6
+7
+8
0
15
+9
+10
+11
+12
+13
+14
+15
+16
+17
+18
Begin + 0
+1
+2
Data to read (upper)
CH0
Data to read (lower)
CH0
Data to read (upper)
CH1
Data to read (lower)
CH1
Data to read (upper)
CH2
Data to read (lower)
CH2
Data to read (upper)
CH3
Data to read (lower)
CH3
Data to read (upper)
CH4
Data to read (lower)
CH4
Data to read (upper)
CH5
Data to read (lower)
CH5
Data to read (upper)
CH6
Data to read (lower)
CH6
Data to read (upper)
CH7
Data to read (lower)
Extension discrete input data
Status
Command setting
• Command address
CH0: Bit 0, 1
CH1: Bit 2, 3
CH2: Bit 4, 5
CH3: Bit 6, 7
CH4: Bit 8, 9
CH5: Bit 10, 11
CH6: Bit 12, 13
CH7: Bit 14, 15
• Command
00: Read data
01: Preset
10: Overflow response value
11: Maximum value
CH7
+3
+4
+5
+6
+7
+8
+9
+10
+11
+12
+13
+14
+15
+16
+17
+18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com