Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25QC200GLFMTH Datasheet(PDF) 26 Page - ACE Technology Co., LTD.

Part # ACE25QC200GLFMTH
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLFMTH Datasheet(HTML) 26 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLFMTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 30Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
26
Fast Read Dual I/O (BBh)
The Fast Read Dual I/O (BBh) instruction allows for improved random access while maintaining two IO pins,
SI and SO. It is similar to the Fast Read Dual Output (3Bh) instruction but with the capability to input the
Address bits (A23-0) two bits per clock. This reduced instruction overhead may allow for code execution
(XIP) directly from the Dual SPI in some applications.
Fast Read Dual I/O with “Continuous Read Mode”
The Fast Read Dual I/O instruction can operate at the highest possible frequency of fC (see AC Electrical
Characteristics). The Fast Read Dual I/O instruction can further reduce instruction overhead through
setting the “Continuous Read Mode” bits (M7-0) after the input Address bits (A23- 0), as shown in Figure 12.
The upper nibble of the (M7-4) controls the length of the next Fast Read Dual I/O instruction through the
inclusion or exclusion of the first byte instruction code. The lower nibble bits of the (M3-0) are don’t care
(“x”). However, the IO pins should be high-impedance prior to the falling edge of the first data out clock.
If the “Continuous Read Mode” bits M5-4 = (1,0), then the next Fast Read Dual I/O instruction (after /CS is
raised and then lowered) does not require the BBh instruction code, as shown in Figure13. This reduces
the instruction sequence by eight clocks and allows the Read address to be immediately entered after /CS
is asserted low. If the “Continuous Read Mode” bits M5-4 do not equal to (1,0), the next instruction (after
/CS is raised and then lowered) requires the first byte instruction code, thus returning to normal operation.
It is recommended to input FFh on SI for the next instruction (16 clocks), to ensure M4 = 1 and return the
device to normal operation.
Figure12. Fast Read Dual I/O Instruction (Initial instruction or previous M5-
4≠10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com