Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE34AC04FMTH Datasheet(PDF) 15 Page - ACE Technology Co., LTD.

Part # ACE34AC04FMTH
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04FMTH Datasheet(HTML) 15 Page - ACE Technology Co., LTD.

Back Button ACE34AC04FMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 19Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
15
(C)
Read RSWP
The Read RSWP command allows the ability to check a quadrant’s write protection status. To find
out if the software write protection has been set to a specific quadrant, the same procedure that was
used to set the quadrant’s write protection can be utilized except that the R/W select bit is set to a
Logic 1, and the A0 pin is not required to have VHV. The Read RSWP sequence requires sending a
control byte of „0110MMM1
‟ (where the „M‟ represents the memory quadrant identifier for the
quadrant to be read) with the R/W bit set to a Logic 1 .If the RSWP has not been set, then the
ACE34AC04 responds to the control byte with an ACK. If the RSWP has been set, the ACE34AC04
responds with a NACK. In either case, both Word Address and Data Word bytes will not be
acknowledged. The operation is completed by the Master creating a Stop Condition.
Table 7: Acknowledge When Reading Protection Status
Quadrant
Status
Instruction
Sent
Instruction
Response
Word
Address
Sent
Word
Address
Response
Data Word
Sent
Data Word
Response
Write
Protected
Read RSWP
NACK
Don’t Care
NACK
Don’t Care
NACK
Not
Protected
Read RSWP
ACK
Don’t Care
NACK
Don’t Care
NACK
Table 8: Read RSWP
Function
Pin
Control Byte
Device Type Identifier
Memory Quadrant Identifier
R/ W
A2
A1
A0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Set RSWP,
Quadrant 0
X
X
0,1
or
V
HV
0
1
1
0
0
0
1
1
Set RSWP,
Quadrant 1
X
X
1
0
0
1
Set RSWP,
Quadrant 2
X
X
1
0
1
1
Set RSWP,
Quadrant 3
X
X
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com