Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE701CC15.5VBMSH Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE701CC15.5VBMSH
Description  Synchronous Step-Up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701CC15.5VBMSH Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE701CC15.5VBMSH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701CC15.5VBMSH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701CC15.5VBMSH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701CC15.5VBMSH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701CC15.5VBMSH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701CC15.5VBMSH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701CC15.5VBMSH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701CC15.5VBMSH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701CC15.5VBMSH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ACE701CC
Synchronous Step-Up DC/DC Converter
VER 1.2
4
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output voltage
VOUT
VOUT(S
)
×0.98
VOUT
VOUT(S)
×1.02
V
Input voltage
VIN
VOUT ≤ 3.6 V
0.9
5
V
VOUT >3.6 V
1.8
5
Operation start voltage
VST1
IOUT= 1 mA
0.9
V
Input Current At No
Load
ISS2
VIN=1.8V,VOUT=3.0V
15
µA
Current consumption 2
ISS2
VOUT=VOUT+0.5 V
6
10
µA
Current consumption
During shutdown
ISSS
VEN = 0 V
1.0
mA
Maximum Oscillation
frequency
fosc
VOUT= 0.95xVOUT, measure
waveform at LX pin
300
KHz
Duty ratio 1
Duty1
VOUT= 0.95xVOUT,
measure waveform at
LX pin
70
78
85
%
Efficiency
EFFI
90
%
Shutdown pin input
voltage
VSH
VOUT=0.95xVOUT, judge
oscillation at LX pin
0.75
V
VSL1
VOUT= 0.95×VOUT,
judge stop at LX pin
0.3
V
Shutdown pin input
current
ISH
VEN=6V
-0.1
0.1
µA
ISL
VEN=0V
-0.1
0.1
µA
Remark:V
OUT(S) specified above is the set output voltage value, and VOUT is the typical value of the actual output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com