Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PHA200-F200A-R2-T-5927 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # PHA200-F200A-R2-T-5927
Description  Vision Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PHA200-F200A-R2-T-5927 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  PHA200-F200A-R2-T-5927 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PHA200-F200A-R2-T-5927 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PHA200-F200A-R2-T-5927 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PHA200-F200A-R2-T-5927 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Depth of focus
± 50 mm
Relative stroke
10 mm
Capture range
max. 120 mm x 100 mm
Nominal ratings
Camera
Type
CMOS , Global shutter
Number of pixels
752 x 480 pixels
Gray scale
256
Functional safety related parameters
MTTFd
65 a
Mission Time (TM)
10 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green: Ready for operation
Function indicator
4 x LED yellow: +X, -X, +Y, -Y
Control elements
none
Electrical specifications
Operating voltage
UB
24 V DC ± 15% , PELV
No-load supply current
I0
max. 250 mA
Power consumption
P0
6 W
Interface
Interface type
serial , RS 232
Transfer rate
max. 115.2 kBit/s
Cable length
max. 30 m
Interface 1
Interface type
Ethernet
Protocol
TCP/IP
Transfer rate
100 MBit/s
Cable length
max. 30 m
Input
Input voltage
to be applied externally 24 V ± 15% PELV
Number/Type
Cycle stop, relative stroke
Input current
1.6 mA at 24 V
Switching threshold
low: < 10 V, high: > 15 V
Cable length
max. 30 m
Output
Switching type
PNP , short-circuit/overload protected
Signal output
+X, -X, +Y, -Y
Switching voltage
24 V
Switching current
max. 100 mA each output
Cable length
max. 30 m
Conformity
Shock resistance
EN 60068-2-27:2009
Vibration resistance
EN 60068-2-6:2008
Emitted interference
EN 61000-6-4:2007+A1:2011
Noise immunity
EN 61326-1:2013
Photobiological safety
exempt group according EN 62471:2008
Approvals and certificates
CE conformity
CE
UL approval
cULus Listed, General Purpose, Class 2 Power Source, Type 1 enclosure
CCC approval
CCC approval / marking not required for products rated ≤36 V
Ambient conditions
Operating temperature
-30 ... 60 °C (-22 ... 140 °F) , (noncondensing; prevent icing on the lens!)
Vision Sensor
PHA200-F200A-R2-T-5927
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com