Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC885ZP66 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # MPC885ZP66
Description  MPC885/MPC880 PowerQUICC Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC885ZP66 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button MPC885ZP66 Datasheet HTML 74Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 75Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 76Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 77Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 78Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 79Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 80Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 81Page - NXP Semiconductors MPC885ZP66 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 87 page
background image
MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7
78
Freescale Semiconductor
Mechanical Data and Ordering Information
WE0, BS_B0, IORD
B18
Output
WE1, BS_B1, IOWR
E16
Output
WE2, BS_B2, PCOE
C17
Output
WE3, BS_B3, PCWE
B19
Output
BS_A[0:3]
D17, C18, C19, F16
Output
GPL_A0, GPL_B0
B17
Output
OE, GPL_A1, GPL_B1
A18
Output
GPL_A[2:3], GPL_B[2:3],
CS[2:3]
D16, A17
Output
UPWAITA, GPL_A4
B13
Bidirectional
UPWAITB, GPL_B4
A14
Bidirectional
GPL_A5
C13
Output
PORESET
B3
Input
RSTCONF
D4
Input
HRESET
B4
Open-drain
SRESET
A3
Open-drain
XTAL
A4
Analog output
EXTAL
D5
Analog input (3.3 V only)
CLKOUT
G4
Output
EXTCLK
A5
Input (3.3 V only)
TEXP
C4
Output
ALE_A
B7
Output
CE1_A
B15
Output
CE2_A
C15
Output
WAIT_A, SOC_Split1
A2
Input
WAIT_B
C3
Input
IP_A0, UTPB_Split01
B1
Input
IP_A1, UTPB_Split11
C1
Input
IP_A2, IOIS16_A,
UTPB_Split21
F4
Input
IP_A3, UTPB_Split31
E3
Input
IP_A4, UTPB_Split41
D2
Input
IP_A5, UTPB_Split51
D1
Input
IP_A6, UTPB_Split61
E2
Input
IP_A7, UTPB_Split71
D3
Input
Table 39. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com