Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSL1A12BDRPR Datasheet(PDF) 5 Page - Schneider Electric

Part # SSL1A12BDRPR
Description  Harmony, Solid state relay pre assembled, 2 A, random switching, spring sockets, input 16...30 V DC, output 24...250 V AC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SSL1A12BDRPR Datasheet(HTML) 5 Page - Schneider Electric

  SSL1A12BDRPR Datasheet HTML 1Page - Schneider Electric SSL1A12BDRPR Datasheet HTML 2Page - Schneider Electric SSL1A12BDRPR Datasheet HTML 3Page - Schneider Electric SSL1A12BDRPR Datasheet HTML 4Page - Schneider Electric SSL1A12BDRPR Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Product data sheet
Performance Curves
SSL1A12BDRPR
Derating Curves
A :
Load Current (Amperes)
B :
Ambient Temperature (°C)
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com