Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P128-VMF6TG Datasheet(PDF) 11 Page - STMicroelectronics

Part # M25P128-VMF6TG
Description  128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P128-VMF6TG Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M25P128-VMF6TG Datasheet HTML 7Page - STMicroelectronics M25P128-VMF6TG Datasheet HTML 8Page - STMicroelectronics M25P128-VMF6TG Datasheet HTML 9Page - STMicroelectronics M25P128-VMF6TG Datasheet HTML 10Page - STMicroelectronics M25P128-VMF6TG Datasheet HTML 11Page - STMicroelectronics M25P128-VMF6TG Datasheet HTML 12Page - STMicroelectronics M25P128-VMF6TG Datasheet HTML 13Page - STMicroelectronics M25P128-VMF6TG Datasheet HTML 14Page - STMicroelectronics M25P128-VMF6TG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
M25P128
Operating features
Rev. 1
11/41
4.5
Status Register
The Status Register contains a number of status and control bits that can be read or set (as
appropriate) by specific instructions. See Section 6.4: Read Status Register (RDSR) for a
detailed description of the Status Register bits.
4.6
Protection modes
The environments where non-volatile memory devices are used can be very noisy. No SPI
device can operate correctly in the presence of excessive noise. To help combat this, the
M25P128 features the following data protection mechanisms:
●
Power On Reset and an internal timer (tPUW) can provide protection against inadvertant
changes while the power supply is outside the operating specification.
●
Program, Erase and Write Status Register instructions are checked that they consist of
a number of clock pulses that is a multiple of eight, before they are accepted for
execution.
●
All instructions that modify data must be preceded by a Write Enable (WREN)
instruction to set the Write Enable Latch (WEL) bit. This bit is returned to its reset state
by the following events:
–Power-up
–
Write Disable (WRDI) instruction completion
–
Write Status Register (WRSR) instruction completion
–
Page Program (PP) instruction completion
–
Sector Erase (SE) instruction completion
–
Bulk Erase (BE) instruction completion
●
The Block Protect (BP2, BP1, BP0) bits allow part of the memory to be configured as
read-only. This is the Software Protected Mode (SPM).
●
The Write Protect (W) signal allows the Block Protect (BP2, BP1, BP0) bits and Status
Register Write Disable (SRWD) bit to be protected. This is the Hardware Protected
Mode (HPM).
Table 2.
Protected Area Sizes
Status Register Content
Memory Content
BP2 Bit BP1 Bit BP0 Bit
Protected Area
Unprotected Area
0
0
0
none
All Sectors (Sectors 0 to 63)(1)
1.
The device is ready to accept a Bulk Erase instruction if, and only if, all Block Protect (BP2, BP1, BP0) are 0.
0
0
1
Upper 64th (1 Sector, 2Mb)
Sectors 0 to 62
0
1
0
Upper 32nd (2 Sectors, 4Mb)
Sectors 0 to 61
0
1
1
Upper 16nd (4 Sectors, 8Mb)
Sectors 0 to 59
1
0
0
Upper 8nd (8 Sectors, 16Mb)
Sectors 0 to 55
1
0
1
Upper Quarter (16 Sectors, 32Mb) Lower 3 Quarters (Sectors 0 to 47)
1
1
0
Upper Half (32 Sectors, 64Mb)
Lower Half (Sectors 0 to 31)
1
1
1
All sectors (64 Sectors, 128Mb)
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com