Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7I4DECT-1-SVF8N-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R7I4DECT-1-SVF8N-R
Description  Remote I/O R7I4D Series EtherCAT I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7I4DECT-1-SVF8N-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R7I4DECT-1-SVF8N-R Datasheet HTML 1Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 2Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 3Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 4Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 5Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: R7I4DECT-1-SVF8N
R7I4DECT-1-SVF8N SPECIFICATIONS
ES-7779-E Rev.0 Page 6/6
http://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm (inch)
175 (6.89)
2−M4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FE terminal to ground.
Caution: FE terminal is NOT a protective conductor terminal.
Control
Circuit
Power
Circuit
FE
NC
NC
NC
NC
PWR−
PWR+
1
2
4
5
3
POWER SUPPLY (IN)
FE
PWR−
PWR+
1
2
4
5
3
POWER SUPPLY (OUT)
1
2
4
3
VH0
NC
COM
NC
1
2
4
3
INPUT X0
INPUT X7
VH7
NC
COM
NC
RJ-45 Modular Jack
RJ-45 Modular Jack
EtherCAT (IN)
EtherCAT (OUT)
USB Connector
CONFIGURATION CONNECTOR
Input
Circuit
Input
Circuit
Isolation
Isolation
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com