Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7I4DECT-1-SVSF8N-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R7I4DECT-1-SVSF8N-R
Description  Remote I/O R7I4D Series EtherCAT I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7I4DECT-1-SVSF8N-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R7I4DECT-1-SVSF8N-R Datasheet HTML 1Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 2Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 3Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 4Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 5Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: R7I4DECT-1-SVSF8N
R7I4DECT-1-SVSF8N SPECIFICATIONS
ES-7779-H Rev.0 Page 6/6
http://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm (inch)
175 (6.89)
2−M4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FE terminal to ground.
Caution: FE terminal is NOT a protective conductor terminal.
Power
Circuit
FE
NC
NC
NC
NC
PWR−
PWR+
1
2
4
5
3
POWER SUPPLY (IN)
FE
PWR−
PWR+
1
2
4
5
3
POWER SUPPLY (OUT)
1
2
4
3
VH0
NC
COM
NC
1
2
4
3
INPUT X0
INPUT X3
VH3
NC
COM
NC
RJ-45 Modular Jack
RJ-45 Modular Jack
USB Connector
CONFIGURATION
CONNECTOR
1
2
4
3
I0
NC
COM
NC
1
2
4
3
INPUT X4
INPUT X7
I3
NC
COM
NC
制御
回路
Input
Circuit
Input
Circuit
Input
Circuit
Input
Circuit
Control
Circuit
isolation
isolation
EtherCAT (IN)
EtherCAT (OUT)
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com