Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OBT650-R200-2EP-IO-V1-1T Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OBT650-R200-2EP-IO-V1-1T
Description  Triangulation sensor with background evaluation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBT650-R200-2EP-IO-V1-1T Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OBT650-R200-2EP-IO-V1-1T Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBT650-R200-2EP-IO-V1-1T Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBT650-R200-2EP-IO-V1-1T Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Triangulation sensor with background evaluation
OBT650-R200-2EP-IO-V1-1T
3
To unlock the adjustment functions, rotate the sensing range/sensitivity adjuster by more than 180°.
Sensing Range/Sensitivity
To increase the sensing range/sensitivity, rotate the sensing range/sensitivity adjuster clockwise.
To reduce the sensing range/sensitivity, rotate the sensing range/sensitivity adjuster counter-clockwise.
As soon as the end of the adjustment range is reached, the signal indicator flashes at 8 Hz.
Configuring Light On/Dark On
Press the light-on/dark-on changeover switch for more than 1 second (but less than 4 seconds). "Light on/dark on" mode changes
and the relevant operating indicator lights up.
If you press the light-on/dark-on changeover switch for longer than 4 seconds, the "light on/dark on" mode will switch back to the
original setting. The current status is activated when the light-on/dark-on changeover switch is released.
Restoring Factory Settings
Press the light-on/dark-on changeover switch for more than 10 seconds (but less than 30 seconds) until all LEDs go out. When
the light-on/dark-on changeover switch is released, the signal indicator lights up. After 5 seconds, the sensor resumes operation
with the factory settings.
The adjustment functions are locked after 5 minutes of inactivity. To unlock the adjustment functions, rotate the sensing range/
sensitivity adjuster again by more than 180°.
Approvals and certificates
UL approval
E87056 , cULus Listed , class 2 power supply , type rating 1
CCC approval
CCC approval / marking not required for products rated ≤36 V
X
Y
Background on white 90 % / object on black 6 %
Background on white 90 % / object on white 90 %
Background on black 6 % / object on black 6 %
Background on black 6 % / object on white 90 %
Object height Y [mm]
Distance to the background X [mm]
Minimum object height
0
100
200
300
400
500
600
700
50
45
40
35
30
25
20
15
10
5
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com