Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM205 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM205
Description  Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM205 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM205 Datasheet HTML 1Page - National Semiconductor (TI) LM205 Datasheet HTML 2Page - National Semiconductor (TI) LM205 Datasheet HTML 3Page - National Semiconductor (TI) LM205 Datasheet HTML 4Page - National Semiconductor (TI) LM205 Datasheet HTML 5Page - National Semiconductor (TI) LM205 Datasheet HTML 6Page - National Semiconductor (TI) LM205 Datasheet HTML 7Page - National Semiconductor (TI) LM205 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH7755
January 1995
LM105LM205LM305LM305A
LM376 Voltage Regulators
General Description
The LM105 series are positive voltage regulators similar to
the LM100 except that an extra gain stage has been added
for improved regulation A redesign of the biasing circuitry
removes any minimum load current requirement and at the
same time reduces standby current drain permitting higher
voltage operation They are direct plug-in replacements for
the LM100 in both linear and switching regulator circuits
with output voltages greater than 45V Important character-
istics of the circuits are
Y
Output voltage adjustable from 45V to 40V
Y
Output currents in excess of 10A possible by adding
external transistors
Y
Load regulation better than 01% full load with current
limiting
Y
DC line regulation guaranteed at 003%V
Y
Ripple rejection on 001%V
Y
45 mA output current without external pass transistor
(LM305A)
Like the LM100 they also feature fast response to both load
and line transients freedom from oscillations with varying
resistive and reactive loads and the ability to start reliably on
any load within rating The circuits are built on a single sili-
con chip and are supplied in a TO-99 metal can
The LM105 is specified for operation for b55 C s TA s
a
125 C and the LM305LM305A is specified for 0 C s TA
s a
70 C
Schematic and Connection Diagrams
TLH7755 – 1
Metal Can Package
TLH7755 – 3
Top View
Order Number LM105H LM105H883
SMD
5962-8958801 LM305H or LM305AH
See NS Package Number H08C
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM20502SILR TI1-LM20502SILR Datasheet
1Mb / 37P
2A SIMPLE SWITCHER Nano Module
LM20502SILT TI1-LM20502SILT Datasheet
1Mb / 37P
2A SIMPLE SWITCHER Nano Module
logo
Unisonic Technologies
LM2054G-P14-R UTC-LM2054G-P14-R Datasheet
249Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
LM2054G-P14-T UTC-LM2054G-P14-T Datasheet
249Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
LM2054L-P14-R UTC-LM2054L-P14-R Datasheet
249Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - LM205

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM105 NSC-LM105 Datasheet
227Kb / 7P
Voltage Regulators
logo
Torex Semiconductor
XC6204 TOREX-XC6204 Datasheet
25Kb / 1P
Voltage Regulators
logo
National Semiconductor ...
LM326 NSC-LM326 Datasheet
452Kb / 8P
VOLTAGE REGULATORS
logo
List of Unclassifed Man...
TDB0123 ETC1-TDB0123 Datasheet
41Kb / 1P
voltage regulators
logo
National Semiconductor ...
LM78XX NSC-LM78XX_95 Datasheet
158Kb / 6P
Voltage Regulators
logo
Wing Shing Computer Com...
LM7812K WINGS-LM7812K Datasheet
65Kb / 1P
Voltage Regulators
logo
Comset Semiconductor
LM309K COMSET-LM309K Datasheet
99Kb / 2P
Voltage Regulators
logo
Bookly Micro electronic
BM1084 BOOKLY-BM1084 Datasheet
365Kb / 9P
Voltage regulators
BM1117 BOOKLY-BM1117 Datasheet
377Kb / 9P
Voltage regulators
logo
TAITRON Components Inco...
KIA7805PI TAITRON-KIA7805PI Datasheet
75Kb / 1P
Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com