Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX2172 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2172
Description  Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2172 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2172 Datasheet HTML 1Page - Maxim Integrated Products MAX2172 Datasheet HTML 2Page - Maxim Integrated Products MAX2172 Datasheet HTML 3Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAX2172
Direct-Conversion to Low-IF Tuner for Digital Audio
Broadcast
High-Performance Digital Radio Tuner Incorporates Fast and Accurate RSSI Function
OVERVIEW
Description
The MAX2172 direct-conversion to low-IF tuner is designed for digital
audio broadcast (DAB) and terrestrial digital multimedia broadcast (T-
DMB) applications, covering an input frequency range of 168MHz to
240MHz (VHF-III), 1452MHz to 1492MHz (L-band), and also 87MHz
to 108MHz (FM). The MAX2172 achieves a high level of component
integration, allowing lowpower, tuner-on-board designs. The direct-
conversion to low-IF architecture eliminates the need for an IF-SAW
filter while providing a balanced 2.048MHz center frequency
baseband output to the demodulator.
The MAX2172 provides a buffered reference clock at the crystal
frequency.
A sigma-delta fractional-N synthesizer is incorporated to optimize
both close-in and wideband phase noise performances for OFDM
applications where sensitivity to both 1kHz phase noise and
wideband phase noise related to strong adjacents can be a problem.
The MAX2172 is available in a 40-pin thin QFN package (6mm x
6mm) with an exposed pad. Electrical performance is guaranteed
over the extended -40°C to +85°C temperature range.
MAX2172: Functional Diagram
Page 1 of 3


Similar Part No. - MAX2172

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2172ETL MAXIM-MAX2172ETL Datasheet
4Mb / 38P
5GHz, 5-Channel MIMO Receiver
Rev 1; 3/10
More results

Similar Description - MAX2172

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
DIRECT CONVERSION SATELLITE TUNER
BCM3419 BOARDCOM-BCM3419 Datasheet
76Kb / 1P
ADVANCED LOW IF DIRECT CONVERSION CABLE TUNER
BCM3419 BOARDCOM-BCM3419_06 Datasheet
156Kb / 2P
ADVANCED LOW IF DIRECT CONVERSION CABLE TUNER
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
logo
Sony Corporation
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
Direct Conversion IC for Digital Satellite Broadcast Tuner
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2173 MAXIM-MAX2173 Datasheet
121Kb / 2P
RF to Bits Tuner for Digital Audio Broadcast
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com