Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC2575-12.0VAT Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc

Part # TC2575-12.0VAT
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575-12.0VAT Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC2575-12.0VAT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 9Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 10Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 11Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 12Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 13Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 14Page - TelCom Semiconductor, Inc TC2575-12.0VAT Datasheet HTML 15Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
TC2575
TC2575-1 3/13/00
1.0A Step-Down Switching Regulator
Table 2. Inductor Selection Guide
Inductance
Current
Schott
Renco
Pulse Engineering
Coilcraft
(
µH)
(A)
THT
SMT
THT
SMT
THT
SMT
SMT
68
0.32
67143940
67144310
RL–1284–68–43
RL1500–68
PE–53804
PE–53804–S
DO1608–68
0.58
67143990
67144360
RL–5470–6
RL1500–68
PE–53812
PE–53812–S
DO3308–683
0.99
67144070
67144450
RL–5471–5
RL1500–68
PE–53821
PE–53821–S
DO3316–683
1.78
67144140
67144520
RL–5471–5
–
PE–53830
PE–53830–S
DO5022P–683
100
0.48
67143980
67144350
RL–5470–5
RL1500–100
PE–53811
PE–53811–S
DO3308–104
0.82
67144060
67144440
RL–5471–4
RL1500–100
PE–53820
PE–53820–S
DO3316–104
1.47
67144130
67144510
RL–5471–4
–
PE–53829
PE–53829–S
DO5022P–104
150
0.39
–
67144340
RL–5470–4
RL1500–150
PE–53810
PE–53810–S
DO3308–154
0.66
67144050
67144430
RL–5471–3
RL1500–150
PE–53819
PE–53819–S
DO3316–154
1.20
67144120
67144500
RL–5471–3
–
PE–53828
PE–53828–S
DO5022P–154
220
0.32
67143960
67144330
RL–5470–3
RL1500–220
PE–53809
PE–53809–S
DO3308–224
0.55
67144040
67144420
RL–5471–2
RL1500–220
PE–53818
PE–53818–S
DO3316–224
1.00
67144110
67144490
RL–5471–2
–
PE–53827
PE–53827–S
DO5022P–224
330
0.42
67144030
67144410
RL–5471–1
RL1500–330
PE–53817
PE–53817–S
DO3316–334
0.80
67144100
67144480
RL–5471–1
–
PE–53826
PE–53826–S
DO5022P–334
Note: Table 1 and Table 2 of this Indicator Selection Guide shows some examples of different manufacturer products suitable for design with the TC2575.
Table 3. Example of Several Inductor Manufacturers Phone/Fax Numbers
Pulse Engineering Inc.
Phone
+ 1–619–674–8100
Fax
+ 1–619–674–8262
Pulse Engineering Inc. Europe
Phone
+ 353 93 24 107
Fax
+ 353 93 24 459
Renco Electronics Inc.
Phone
+ 1–516–645–5828
Fax
+ 1–516–586–5562
AIE Magnetics
Phone
+ 1–813–347–2181
Fax
Coilcraft Inc.
Phone
+ 1–708–322–2645
Fax
+ 1–708–639–1469
Coilcraft Inc., Europe
Phone
+ 44 1236 730 595
Fax
+ 44 1236 730 627
Tech 39
Phone
+ 33 8425 2626
Fax
+ 33 8425 2610
Schott Corp.
Phone
+ 1–612–475–1173
Fax
+ 1–612–475–1786



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com