Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8-DCT8B2/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R8-DCT8B2/Q
Description  Remote I/O R8 Series PNP TRANSISTOR OUTPUT MODULE, 8 points
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DCT8B2/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R8-DCT8B2/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DCT8B2/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DCT8B2/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-DCT8B2/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-DCT8B2/Q Datasheet HTML 5Page - M-System Co.,Ltd. R8-DCT8B2/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: R8-DCT8B2
R8-DCT8B2 SPECIFICATIONS
ES-9677 Rev.0 Page 3/6
https://www.m-system.co.jp/
CONNECTION DIAGRAMS
■ Tension clamp terminal block
Unit side connector: DMC1,5/1,6-G1F-3,5-LR P26THR (Phoenix Contact)
Cable side connector: DFMC1,5/16-STF-3,5 (Phoenix Contact)
Applicable wire size: 0.2 − 1.5 mm2
Stripped length: 10 mm
Recommended solderless terminal
• AI0,25−10YE 0.25 mm2 (Phoenix Contact)
• AI0,34−10TQ 0.34 mm2 (Phoenix Contact)
• AI0,5−10WH 0.5 mm2 (Phoenix Contact)
• AI0,75−10GY 0.75 mm2 (Phoenix Contact)
• A1−10 1.0 mm2 (Phoenix Contact)
• A1,5−10 1.5 mm2 (Phoenix Contact)
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
PIN
No.
ID
FUNCTION
PIN
No.
ID
FUNCTION
1
24V
Excitation supply (+)
17
24V
Excitation supply (+)
2
Do 1
Output 1
18
Do 5
Output 5
3
24V
Excitation supply (+)
19
24V
Excitation supply (+)
4
0V
Excitation supply (−)
20
0V
Excitation supply (−)
5
24V
Excitation supply (+)
21
24V
Excitation supply (+)
6
Do 2
Output 2
22
Do 6
Output 6
7
24V
Excitation supply (+)
23
24V
Excitation supply (+)
8
0V
Excitation supply (−)
24
0V
Excitation supply (−)
9
24V
Excitation supply (+)
25
24V
Excitation supply (+)
10
Do 3
Output 3
26
Do 7
Output 7
11
24V
Excitation supply (+)
27
24V
Excitation supply (+)
12
0V
Excitation supply (−)
28
0V
Excitation supply (−)
13
24V
Excitation supply (+)
29
24V
Excitation supply (+)
14
Do 4
Output 4
30
Do 8
Output 8
15
24V
Excitation supply (+)
31
24V
Excitation supply (+)
16
0V
Excitation supply (−)
32
0V
Excitation supply (−)
OPERATING MODE SETTING
(*) Factory setting
Note: Be sure to set unused SW2-1 through 2-4 and 2-7 to
OFF.
■Module Address
SW1-1 through 1-4 determine the tenth place digit, while
SW1-5 through 1-8 do the ones place digit of the module
address.
Address is selected between 0 to 31.
(Factory setting: 0)
MODULE ADDRESS
SW1
×10
1
2
3
4
×1
5
6
7
8
0
OFF
OFF
OFF
OFF
1
OFF
OFF
OFF
ON
2
OFF
OFF
ON
OFF
3
OFF
OFF
ON
ON
4
OFF
ON
OFF
OFF
5
OFF
ON
OFF
ON
6
OFF
ON
ON
OFF
7
OFF
ON
ON
ON
8
ON
OFF
OFF
OFF
9
ON
OFF
OFF
ON
■ Output at the Loss of Communication
OUTPUT AT THE LOSS OF COMMUNICATION
SW2
5
Output Hold (*)
(last data correctly received is hold)
OFF
Stop output (Output xed at OFF)
ON
■ Terminator DIP SW
TERMINATOR SW
SW2
6
Without (*)
OFF
With
ON
■ Con guration Mode
CONFIGURATION MODE
SW2
8
DIP switch setting (*)
OFF
PC Configurator and communication
ON



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com