Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8-DAT8A2/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-DAT8A2/Q
Description  Remote I/O R8 Series NPN DISCRETE INPUT MODULE, 8 points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DAT8A2/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-DAT8A2/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DAT8A2/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DAT8A2/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-DAT8A2/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-DAT8A2/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R8-DAT8A2
R8-DAT8A2 SPECIFICATIONS
ES-9692 Rev.0 Page 2/5
http://www.m-system.co.jp/
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
■ FRONT VIEW
■ SIDE VIEW
IN
2
32
1
31
Input Connectors
Internal Bus Connector
Function Setting
DIP SW
8
7
6
5
4
3
2
1
SW1
SW2
On
RUN
Status Indicator LED
Discrete Input
Indicator LEDs
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CONNECTION DIAGRAMS
■ Tension clamp terminal block
Unit side connector: DMC1,5/1,6-G1F-3,5-LR P26THR (Phoenix Contact)
Cable side connector: DFMC1,5/16-STF-3,5 (Phoenix Contact)
Applicable wire size: 0.2 − 1.5 mm2
Stripped length: 10 mm
Recommended solderless terminal
• AI0,25−10YE 0.25 mm2 (Phoenix Contact)
• AI0,34−10TQ 0.34 mm2 (Phoenix Contact)
• AI0,5−10WH 0.5 mm2 (Phoenix Contact)
• AI0,75−10GY 0.75 mm2 (Phoenix Contact)
• A1−10 1.0 mm2 (Phoenix Contact)
• A1,5−10 1.5 mm2 (Phoenix Contact)
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
PIN
No.
ID
FUNCTION
PIN
No.
ID
FUNCTION
1
Di 1
Input 1
17
Di 5
Input 5
2
0V
Excitation supply (−)
18
0V
Excitation supply (−)
3
24V
Excitation supply (+)
19
24V
Excitation supply (+)
4
0V
Excitation supply (−)
20
0V
Excitation supply (−)
5
Di 2
Input 2
21
Di 6
Input 6
6
0V
Excitation supply (−)
22
0V
Excitation supply (−)
7
24V
Excitation supply (+)
23
24V
Excitation supply (+)
8
0V
Excitation supply (−)
24
0V
Excitation supply (−)
9
Di 3
Input 3
25
Di 7
Input 7
10
0V
Excitation supply (−)
26
0V
Excitation supply (−)
11
24V
Excitation supply (+)
27
24V
Excitation supply (+)
12
0V
Excitation supply (−)
28
0V
Excitation supply (−)
13
Di 4
Input 4
29
Di 8
Input 8
14
0V
Excitation supply (−)
30
0V
Excitation supply (−)
15
24V
Excitation supply (+)
31
24V
Excitation supply (+)
16
0V
Excitation supply (−)
32
0V
Excitation supply (−)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com