Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STHDMI001ATTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STHDMI001ATTR
Description  3.3V, High Bandwith, 2-to-1 High Definition Multimedia Interface (HDMI) Switch with Single Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDMI001ATTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STHDMI001ATTR Datasheet HTML 3Page - STMicroelectronics STHDMI001ATTR Datasheet HTML 4Page - STMicroelectronics STHDMI001ATTR Datasheet HTML 5Page - STMicroelectronics STHDMI001ATTR Datasheet HTML 6Page - STMicroelectronics STHDMI001ATTR Datasheet HTML 7Page - STMicroelectronics STHDMI001ATTR Datasheet HTML 8Page - STMicroelectronics STHDMI001ATTR Datasheet HTML 9Page - STMicroelectronics STHDMI001ATTR Datasheet HTML 10Page - STMicroelectronics STHDMI001ATTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STHDMI001A
3 DC and AC Parameters
7/17
3
DC and AC Parameters
Table 5.
Electrical Characteristics
Note: 1 Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 3.3V ± 10% (except where
noted).
2 Measured by voltage drop between channels at the indicated current through the switch. On-
resistance is determined by the lower of the two voltages.
3 Flatness is defined as the difference between the RONMAX and the RONMIN of the on resistance
over the specified range.
4
∆R
ON measured at the same VCC, temperature and voltage level.
Symbol
Parameter
Test Conditions1
Min.
Typ.
Max.
Unit
VIH
HIGH Level Input Voltage
High Level Guaranteed
2.0
V
VIL
LOW Level Input Voltage
Low Level Guaranteed
–0.5
0.8
V
VIK
Clamp Diode Voltage
VCC = 3.6V, IIN = –18mA
–0.8
–1.2
V
IIH
Input High Current
VCC = 3.6V, IIN = VCC
±5
µA
IIL
Input Low Current
VCC = 3.6V, IIN = GND
±5
µA
IOFF
Power Down Leakage
Current
VCC = 0V; Data0+, Data0–,
Data1+, Data1–, Data2+,
Data2–, Clock+, Clock– = 0V;
A0+ to AClock– and B0+ to
BClock– = 3.6V
±5
µA
RON
Switch ON resistance
(Note 2)
VCC = 3.0V, VIN = 1.5 to VCC
IIN = –40mA
5.5
7.5
Ω
RFLAT
ON resistance flatness
(Note 2,3)
VCC = 3.0V, VIN = 1.5 to VCC
IIN = –40mA
0.8
Ω
∆R
ON
ON resistance match
between channels
∆R
ON = RONMAX – RONMIN
(Note 3,4)
VCC = 3.0V, VIN = 1.5 to VCC
IIN = –40mA
0.5
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com