Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW5095T Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW5095T
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095T Datasheet(HTML) 1 Page - STMicroelectronics

  STW5095T Datasheet HTML 1Page - STMicroelectronics STW5095T Datasheet HTML 2Page - STMicroelectronics STW5095T Datasheet HTML 3Page - STMicroelectronics STW5095T Datasheet HTML 4Page - STMicroelectronics STW5095T Datasheet HTML 5Page - STMicroelectronics STW5095T Datasheet HTML 6Page - STMicroelectronics STW5095T Datasheet HTML 7Page - STMicroelectronics STW5095T Datasheet HTML 8Page - STMicroelectronics STW5095T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
Rev 1.0
November 2005
1/69
2
STw5095
Low Power Asynchronous Stereo Audio Codec
with Integrated Power Amplifiers
Features
■ 20 bit audio resolution, 8kHz to 96kHz
independent rate ADC and DAC
■ Asynchronous sampling ADC and DAC: they
do not require oversampled clock and
information on the audio data sampling
frequency (fs). Jitter tolerant fs
■ Wide master clock range: from 4MHz to 32MHz
■ I2C/SPI compatible control I/F
■ Stereo headphones drivers, handsfree
loudspeaker driver, line out drivers
■ Mixable analog line inputs
■ Voice filters: 8/16kHz with voice channel filters
■ Automatic gain control for microphone and line-
in inputs
■ Two programmable master/slave serial audio
data interfaces (I2S, SPI, PCM compatible and
other formats)
■ Frequency programmable clock outputs
■ Multibit
Σ∆ modulators with data weighted
averaging ADC and DAC
■ DSP functions for bass-treble-volume control,
mute, mono/stereo selection, voice channel
filters, de-emphasis filter and dynamic
compression.
■ 93 dB dynamic range ADC, 0.001% THD with
full scale output @ 2.7V
■ 95 dB dynamic range DAC, 0.02% THD
performance @ 2.7V over 16
Ω load
Analog inputs
■ Selectable stereo differential or single-ended
microphone amplifier inputs with 51dB range
programmable gain
■ One microphone biasing output
■ Microphone plug-in and push-button detection
input
■ Selectable stereo differential or single-ended
line inputs with 38 dB range programmable
gain
Analog output drivers
■ Stereo headphones outputs driving capability:
40 mW (0.1% THD) over 16
Ωwith 40 dB range
programmable gain
■ Common mode voltage headphones driver
(phantom ground)
■ Balanced loudspeaker output driving
capability: up to 500mW (VCCLS>3.5V; 1%
THD) over 8
Ω with 30dB range programmable
gain
■ Transient supression filter during power up and
power down
■ Balanced/unbalanced stereo line outputs
driving capability 1k
Ω
Applications
■ Digital cellular telephones with mp3 player,
stereo recorder, fm radio stereo listening and
recording functions, live music recording
■ Portable digital players and recorders
STw5095
TFBGA64 5x5 (64 pins)
www.st.com


Similar Part No. - STW5095T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5095T STMICROELECTRONICS-STW5095T Datasheet
844Kb / 73P
Low-power asynchronous stereo audio Codec with integrated power amplifiers
23-Apr-2007
More results

Similar Description - STW5095T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5094A STMICROELECTRONICS-STW5094A Datasheet
556Kb / 51P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
STW5098 STMICROELECTRONICS-STW5098 Datasheet
902Kb / 85P
Dual low power asynchronous stereo audio Codec with integrated power amplifiers
24-Apr-2007
STW5094A STMICROELECTRONICS-STW5094A_05 Datasheet
600Kb / 52P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
STW5095 STMICROELECTRONICS-STW5095_07 Datasheet
844Kb / 73P
Low-power asynchronous stereo audio Codec with integrated power amplifiers
23-Apr-2007
STW5098 STMICROELECTRONICS-STW5098_07 Datasheet
943Kb / 86P
Dual low power asynchronous stereo audio Codec with integrated power amplifiers
24-Apr-2007
logo
Texas Instruments
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
Low-Power Stereo Audio Codec
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
Low Power Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com