Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OBT350-R100-2EP-IO-1T-IR Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBT350-R100-2EP-IO-1T-IR
Description  Triangulation sensor with background evaluation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBT350-R100-2EP-IO-1T-IR Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBT350-R100-2EP-IO-1T-IR Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBT350-R100-2EP-IO-1T-IR Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBT350-R100-2EP-IO-1T-IR Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Triangulation sensor with background evaluation
OBT350-R100-2EP-IO-1T-IR
Dimensions
Electrical connection
Indicators/operating means
21.5
11
8.7
M3 (2x)
3.2
14.5
3.3
Emitter
Receiver
BN
L+
BK
WH
BU
C/Q
L-
Q
1
Light-on / dark-on changeover switch
2
Sensing range adjuster
3
Operating indicator / dark on
4
Signal indicator
5
Operating indicator / light on
3
4
5
1
2
Model Number
OBT350-R100-2EP-IO-1T-IR
Triangulation sensor (BGE)
with fixed cable
Features
• Miniature design with versatile
mounting options
• Secure and gapless detection, even
near the surface through background
evaluation
• Precision object detection, almost
irrespective of the color
• Extended temperature range
-40°C ... 60°C
• High degree of protection IP69K
• IO-link interface for service and
process data
Product information
The R100 series miniature optical sensors
are the first devices of their kind to offer an
end-to-end solution in a small single standard
design — from thru-beam sensor through to a
distance measurement device. As a result of
this design, the sensors are able to perform
practically all standard automation tasks.
The entire series enables sensors to
communicate via IO-Link.
The DuraBeam laser sensors are durable and
can be used in the same way as a standard
sensor.
The use of Multi Pixel Technology gives the
standard sensors a high level of flexibility and
enables them to adapt more effectively to
their operating environment.


Similar Part No. - OBT350-R100-2EP-IO-1T-IR

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBT350-R100-2EP-IO-1T PF-OBT350-R100-2EP-IO-1T Datasheet
348Kb / 3P
Triangulation sensor with background evaluation
More results

Similar Description - OBT350-R100-2EP-IO-1T-IR

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBT30-R2-E2-1T PF-OBT30-R2-E2-1T Datasheet
359Kb / 3P
Triangulation sensor with background evaluation
OBT50-R3-E2-1T PF-OBT50-R3-E2-1T Datasheet
365Kb / 3P
Triangulation sensor with background evaluation
OBT80-R103-2EP-IO-1T-L PF-OBT80-R103-2EP-IO-1T-L Datasheet
510Kb / 3P
Triangulation sensor with background evaluation
OBT650-R201-2EP-IO-V31-1T PF-OBT650-R201-2EP-IO-V31-1T Datasheet
360Kb / 3P
Triangulation sensor with background evaluation
OBT350-R101-2EP-IO-1T-IR PF-OBT350-R101-2EP-IO-1T-IR Datasheet
377Kb / 3P
Triangulation sensor with background evaluation
OBT300-R103-EP-IO-V3-1T PF-OBT300-R103-EP-IO-V3-1T Datasheet
521Kb / 4P
Triangulation sensor with background evaluation
OBT300-R200-EP-IO-V3-1T PF-OBT300-R200-EP-IO-V3-1T Datasheet
373Kb / 3P
Triangulation sensor with background evaluation
OBT300-R201-2EP-IO-V1-1T PF-OBT300-R201-2EP-IO-V1-1T Datasheet
361Kb / 3P
Triangulation sensor with background evaluation
OBT300-R100-2EP-IO-1T-L PF-OBT300-R100-2EP-IO-1T-L Datasheet
500Kb / 3P
Triangulation sensor with background evaluation
OBT300-R101-IO-1T-L-Y0112 PF-OBT300-R101-IO-1T-L-Y0112 Datasheet
472Kb / 4P
Triangulation sensor with background evaluation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com