Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OMT45-R103-EP-IO-V3-L Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OMT45-R103-EP-IO-V3-L
Description  Distance sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OMT45-R103-EP-IO-V3-L Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OMT45-R103-EP-IO-V3-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OMT45-R103-EP-IO-V3-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OMT45-R103-EP-IO-V3-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OMT45-R103-EP-IO-V3-L Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Distance sensor
OMT45-R103-EP-IO-V3-L
Dimensions
Electrical connection
Pinout
Indicators/operating means
Emitter
Reveiver
10.2
26.7
15
7.5
M8 x 1
1
L+
L-
4
3
C/Q
13
4
1
BN
3
BU
4
BK
Wire colors in accordance with EN 60947-5-2
(brown)
(blue)
(black)
1
Teach-in button
2
Mode rotary switch
3
Switch output indicator Q2
4
Switch output indicator Q1
5
Operating indicator
I
Switch output 1 / switch point B
II
Switch output 1 / switch point A
III Switch output 2 / switch point A
IV Switch output 2 / switch point B
V Keylock
3
4
5
1
2
I
II
III
IV
V
Model Number
OMT45-R103-EP-IO-V3-L
Distance sensor
with 3-pin, M8 x 1 connector
Features
• Miniature design with versatile
mounting options
• Space-saving distance sensors in
small standardized design
• Multi Pixel Technology (MPT) - exact
and precise signal evaluation
• DuraBeam Laser Sensors - durable
and employable like an LED
• IO-link interface for service and
process data
Product information
The R103 series miniature optical sensors
are the first devices of their kind to offer an
end-to-end solution in a small single standard
design — from thru-beam sensor through to a
distance measurement device. As a result of
this design, the sensors are able to perform
practically all standard automation tasks.
The entire series enables sensors to
communicate via IO-Link.
The DuraBeam laser sensors are durable and
can be used in the same way as a standard
sensor.
The use of Multi Pixel Technology gives the
standard sensors a high level of flexibility and
enables them to adapt more effectively to
their operating environment.


Similar Part No. - OMT45-R103-EP-IO-V3-L

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OMT45-R103-EP-IO-V3 PF-OMT45-R103-EP-IO-V3 Datasheet
480Kb / 4P
Distance sensor
More results

Similar Description - OMT45-R103-EP-IO-V3-L

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KMED003A KODENSHI-KMED003A Datasheet
228Kb / 3P
Distance sensor
logo
Pepperl+Fuchs Inc.
OMT600-R201-2EP-IO-V31-L PF-OMT600-R201-2EP-IO-V31-L Datasheet
513Kb / 4P
Distance sensor
OMT600-R201-UEP-IO-V1-L PF-OMT600-R201-UEP-IO-V1-L Datasheet
627Kb / 5P
Distance sensor
OMT300-R200-UEP-IO-V1-L PF-OMT300-R200-UEP-IO-V1-L Datasheet
616Kb / 5P
Distance sensor
OMT300-R201-2EP-IO-V31-L PF-OMT300-R201-2EP-IO-V31-L Datasheet
513Kb / 4P
Distance sensor
OMT300-R201-IEP-IO-V1-L PF-OMT300-R201-IEP-IO-V1-L Datasheet
627Kb / 5P
Distance sensor
OMT50-R100-EP-IO-V3-L PF-OMT50-R100-EP-IO-V3-L Datasheet
640Kb / 4P
Distance sensor
OMT100-R100-2EP-IO-L PF-OMT100-R100-2EP-IO-L Datasheet
598Kb / 4P
Distance sensor
OMT100-R100-2EP-IO-V31-L PF-OMT100-R100-2EP-IO-V31-L Datasheet
626Kb / 4P
Distance sensor
OMT100-R101-EP-IO-V3-L PF-OMT100-R101-EP-IO-V3-L Datasheet
682Kb / 4P
Distance sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com