Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NF2EB-24V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # NF2EB-24V
Description  FLATPACK RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

NF2EB-24V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  NF2EB-24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) NF2EB-24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) NF2EB-24V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NF
199
ORDERING INFORMATION
Ex. NF
Contact arrangement
Type classification
MBB function
Contact metarial
Coil voltage (DC)
2: 2 Form C
4: 4 Form C
EB: Standard
Nil: Form C type
2M: 2MBB (2 Form D)
4M: 4MBB (4 Form D)
5, 6, 12,
24, 48 V
Nil: Gold-clad silver
1: Gold-cap over silver palladium
4
EB
4M
48V
1
(Notes) 1. For VDE recognized types, add suffix VDE.
(Notes) 2. For UL/CSA recognized type, add suffix-A, as NF2EB-12V-A whose ground terminal is cut off.
(Notes) 3. Standard packing Carton: 20 pcs.; Case: 200 pcs.
*Less than 1,000 W:
*More than 1,000 W:
±10%
±15%
Part No.
Nominal voltage,
V DC
Pick-up voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Max. allowable
voltage,
V DC (at 40°C)
Coil resistance,*
Ohm
Nominal
operating power,
mW
Inductance, H
Armarure
Open
Close
NF2EB-5V
5
4.0
0.5
8.7
90
278
0.071
0.071
NF2EB-6V
6
4.8
0.6
10.5
137
260
0.093
0.094
NF2EB-12V
12
9.6
1.2
21
500
290
0.338
0.344
NF2EB-24V
24
19.2
2.4
42
2,000
290
1.29
1.31
NF2EB-48V
48
38.4
4.8
84
7,000
330
4.12
4.18
NF4EB-5V
5
4.0
0.5
7
53
472
0.029
0.029
NF4EB-6V
6
4.8
0.6
8.5
90
400
0.070
0.071
NF4EB-12V
12
9.6
1.2
17.0
330
440
0.22
0.23
NF4EB-24V
24
19.2
2.4
34
1,200
480
0.77
0.79
NF4EB-48V
48
38.4
4.8
68
4,200
550
2.22
2.25
DIMENSIONS
2 Form C
10.8
±0.3
.425
±.012
0.3
.012
3.3
.130
Resin rise
max. 0.5
max. .020
4-0.8 dia.
.031 dia.
Stand-off
20.6
.811
30.2
1.189
20
.787
13
.512
N.O.
Ground terminal
N.C.
Coil terminal
Common terminal
Terminal dimensions (except soldering)
Width: 0.8 .031
Thickness: 0.3 .012
MBB contact position
NF2-2M: terminal 6-7-8, 3-4-5
Schematic
PC board pattern (Copper-side view)
(2.54)
(.100)
7.6
±0.2
.3
±.008
7.6
±0.2
.3
±.008
12.7
±0.2
.5
±.008
(2.54)
(.100)
4.9
.193
5.1
±0.2
.2
±.008
4.9
.193
1.13
.044
1.13
.044
1.3
.051 DIA.
+0
–0.3
+0
–.012
Relay
outline
mm inch
4 Form C
General tolerance: ±0.5 ±.020
(Except for the cover height)
10.8
±0.3
.425
±.012
0.3
.012
3.3
.130
Resin rise
max. 0.5
max. .020
4-0.8 dia.
.031 dia.
Stand-off
20.6
.811
30.2
1.189
24.6
.969
13.6
.535
N.O.
Ground terminal
N.C.
Coil terminal
Common terminal
Terminal dimensions (except soldering)
Width: 0.8 .031
Thickness: 0.3 .012
Schematic
MBB contact position
NF4-2M: terminals 6-7-8, 9-10-11
NF4-2M: terminals 6-7-8, 3-4-5, 12-13-14, 9-10-11
PC board pattern (Copper-side view)
(2.54)
(.100)
7.6
±0.2
.3
±.008
7.6
±0.2
.3
±.008
12.7
±0.2
.5
±.008
(2.54)
(.100)
2.1
.083
5.1
±0.2
.2
±.008
2.1
.083
1.13
.044
1.13
.044
1.3
.051 DIA.
Relay
outline
+0
–0.3
+0
–.012
TYPES AND COIL DATA (at 25°C 77°F)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com