Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OMD10M-R2000-B23-V1V1D Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OMD10M-R2000-B23-V1V1D
Description  2-D LiDAR Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OMD10M-R2000-B23-V1V1D Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OMD10M-R2000-B23-V1V1D Datasheet HTML 1Page - Pepperl+Fuchs Inc. OMD10M-R2000-B23-V1V1D Datasheet HTML 2Page - Pepperl+Fuchs Inc. OMD10M-R2000-B23-V1V1D Datasheet HTML 3Page - Pepperl+Fuchs Inc. OMD10M-R2000-B23-V1V1D Datasheet HTML 4Page - Pepperl+Fuchs Inc. OMD10M-R2000-B23-V1V1D Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green
Data flow indicator
LED yellow: active ethernet
LED green: Ethernet link
Function indicator
LED red: fault
LED yellow: Q1 + Q2
Control elements
2 Button
Parameterization indicator
24 x 252 pixels , red
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Ripple
10 % within the supply tolerance
No-load supply current
I0
≤ 400 mA / 24 V DC
Power consumption
P0
< 15 W
Time delay before availability
tv
< 40 s
Interface
Interface type
Fast Ethernet, 2 switching outputs
Protocol
HTTP , TCP/IP and UDP/IP
Input/Output
Input/output type
2 Outputs , Independently configurable , short circuit/reverse polarity protected
Output
Switching threshold
low: Ua < 1 V,
high: Ua > Ub - 1 V
Switching current
100 mA per output
Conformity
Laser safety
EN 60825-1:2014
Compliance with standards and directives
Standard conformity
Product standard
IEC 60947-5-2
Shock and impact resistance
EN 60068-2-6 EN 60068-2-27
Measurement accuracy
Measuring speed
250000 measurements per second
Measured value noise
± 9 mm (1 sigma, on reflector film) with measured value filter deactivated
Angle resolution
0.014 °
Absolute accuracy
typ. ± 35 mm
Repeat accuracy
< 12 mm
Approvals and certificates
Protection class
III (operating voltage 50 V)
UL approval
cULus Listed, Class 2 Power Source, Type 1 enclosure
CCC approval
CCC approval / marking not required for products rated ≤36 V
Ambient conditions
Ambient temperature
-10 ... 50 °C (14 ... 122 °F)
Storage temperature
-20 ... 70 °C (-4 ... 158 °F)
Relative humidity
95 % , no moisture condensation
Mechanical specifications
Housing width
106 mm
Housing height
116.5 mm
Degree of protection
IP65
Connection
4-pin, M12x1 connector, standard (supply) ,
8-pin, M12x1 connector, A-coded (MultiPort) ,
4-pin, M12x1 socket, D-coded (LAN)
Material
Housing
ABS + PC + Aluminum
Optical face
PMMA
2-D LiDAR Sensor
OMD10M-R2000-B23-V1V1D
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com