Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8-SS4NJ/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R8-SS4NJ/Q
Description  Remote I/O R8 Series DC CURRENT INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-SS4NJ/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R8-SS4NJ/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-SS4NJ/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-SS4NJ/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-SS4NJ/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: R8-SS4NJ
R8-SS4NJ SPECIFICATIONS
ES-9732 Rev.4 Page 3/4
http://www.m-system.co.jp/
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW4-3 through 4-7 are unused. Be sure to turn
off unused ones.
■ Module Address
The left switch determines the tenth place digit, while the
right switch does the ones place digit of the address.
Address is selected between 0 to 30.
(Factory setting: 0)
Module Address Setting (x1)
Module Address Setting (x10)
1
0
9
1
0
9
■ Input Range
Same range for all channels. Use PC Configurator to set
independent ranges per channel.
INPUT RANGE
SW4
1
2
0 – 20 mA DC
OFF
OFF
4 – 20 mA DC (*)
ON
OFF
■ Configuration Mode
CONFIGURATION MODE
SW4
8
DIP switch setting (*)
OFF
PC Configurator and communication
ON
TERMINATOR SW
SW3
Without (*)
OFF
With
ON
■ Terminator DIP SW
DIMENSIONS unit: mm (inch)
DIN RAIL
(35 mm wide)
[3 (.12)]
[4 (.16)]
12 (.47)
59 (2.32)
55 (2.17)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com