Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC200-22-M2/4 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # SC200-22-M2/4
Description  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC200-22-M2/4 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  SC200-22-M2/4 Datasheet HTML 1Page - M-System Co.,Ltd. SC200-22-M2/4 Datasheet HTML 2Page - M-System Co.,Ltd. SC200-22-M2/4 Datasheet HTML 3Page - M-System Co.,Ltd. SC200-22-M2/4 Datasheet HTML 4Page - M-System Co.,Ltd. SC200-22-M2/4 Datasheet HTML 5Page - M-System Co.,Ltd. SC200-22-M2/4 Datasheet HTML 6Page - M-System Co.,Ltd. SC200-22-M2/4 Datasheet HTML 7Page - M-System Co.,Ltd. SC200-22-M2/4 Datasheet HTML 8Page - M-System Co.,Ltd. SC200-22-M2/4 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MODEL: SC200
SC200 SPECIFICATIONS
ES-6338 Rev.17 Page 3/12
http://www.m-system.co.jp/
FACTORY DEFAULT
CAS
PID
G02
1 – 5 V DC
P : 100%
I : No integral action
D : No derivative action
Mv 1
Pv 1
Ai 1
1 – 5 V DC
*1. Factory default setting
Use Loop Configuration Builder Software (model: SFEW3E)
to modify setting.
H
L
AL2
AL1
SEQ
G81
4 – 20 mA DC
■ LOOP 1
■ LOOP 2
Reverse Action
(PV
/MV
)
*1
*1
CAS
PID
G03
1 – 5 V DC
P : 100%
I : No integral action
D : No derivative action
Mv 2
Pv 2
Ai 2
1 – 5 V DC
H
L
AL4
AL3
SEQ
G81
4 – 20 mA DC
*1
*1
Reverse Action
(PV
/MV
)
EXTERNAL INTERFACE
■ NestBus
Configuration: Bus type multi-drop
Standard: Conforms to TIA/EIA-485-A
Transfer rate: 19.2 kbps
Protocol: NestBus (M-System’s own protocol)
Max. transmission distance: 1 kilometer
Transmission media:
Shielded twisted-pair cable (CPEV-S 0.9 dia.)
Terminating resistor: incorporated
Address setting: 0 - F (16 nodes)
■ Modbus-RTU
Configuration: Half-duplex, asynchronous, no procedure
Standard: Conforms to TIA/EIA-485-A
Max. transmission distance: 500 meters
Transfer rate: 4800, 9600, 19.2 k, 38.4 k bps
Data bit: 8
Parity bit: Odd, even, none
Max. node number: 15 (except the master)
Transmission media:
Shielded twisted-pair cable (CPEV-S 0.9 dia.)
Terminating resistor: incorporated
Node address setting: 1 - 247
■ Modbus/TCP (Ethernet)
Physical layer standard: IEEE 802.3u
Data link layer: 10BASE-T / 100BASE-TX
Transfer rate: 10 / 100 Mbps, Auto Negotiation
Protocol: Modbus/TCP
Data: RTU (binary)
Connections: 2
Transmission media:
10BASE-T (STP cable, category 5)
100BASE-TX (STP cable, category 5e)
Max. segment length: 100 meters
Port number: 502
IP address: 192.168.0.1 (factory setting)
SUPPLY OUTPUT
Output voltage:
24 V DC ±10 % with no load
18 V DC min. at 20 mA
Current rating: ≤ 22 mA DC
∙Shortcircuit protection
Current limited: Approx. 30 mA
INPUT SPECIFICATIONS
■ Pv1, Pv2 (universal input)
∙Current input: 4 – 20 mA DC with input resistance 250 Ω
(REM4)
∙Voltage input: -10 – +10 V DC
-1 – +1 V DC
0 – 10 V DC
1 – 5 V DC
0 – 1 V DC
Input resistance: ≥ 1 MΩ
∙Thermocouple input: K, E, J, T, B, R, S, C, N, U, L, P, PR (See
Table 1)
Input resistance: ≥ 30 kΩ
Burnout sensing: ≤ 0.3 µA
Burnout indication: 115 % of the measuring range (upscale)
∙RTD input: Pt100 (JIS ’97, IEC), Pt100 (JIS ’89), JPt100 (JIS
’89), Pt50Ω (JIS ’81), Ni100 (See Table 2)
Maximum lead wire resistance: 100 Ω per wire
Burnout indication: 115 % of the measuring range (upscale)
Sensing current: ≤ 1 mA
∙Potentiometer input: Total resistance 100 Ω to 10 kΩ
Minimum span: 50 % of total resistance
Excitation: ≤ 0.6 V DC
■ Ai1, Ai2, Ai3, Ai4
∙Voltage input: 1 – 5 V DC
Input resistance: ≥ 1 MΩ
■ Pi1, Pi2, Pi3, Pi4, Pi5: Dry contact
(Di1 through Di5 are assigned to the same terminals
respectively.)
Maximum frequency: 20 Hz
Minimum pulse width: 25 msec.
Common: Negative common per 5 points
Sensing: Approx. 12 V DC, 6 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com