Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2991 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC2991
Description  Quad I2C Voltage, Current and Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2991 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC2991 Datasheet HTML 17Page - Analog Devices LTC2991 Datasheet HTML 18Page - Analog Devices LTC2991 Datasheet HTML 19Page - Analog Devices LTC2991 Datasheet HTML 20Page - Analog Devices LTC2991 Datasheet HTML 21Page - Analog Devices LTC2991 Datasheet HTML 22Page - Analog Devices LTC2991 Datasheet HTML 23Page - Analog Devices LTC2991 Datasheet HTML 24Page - Analog Devices LTC2991 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC2990
21
Rev. F
For more information www.analog.com
Fan/Air Filter/Temperature Alarm
VCC
V1
LTC2990
2-WIRE
I2C
INTERFACE
3.3V
GND
470pF
22
0.125W
HEATER
NDS351AN
TEMPERATURE FOR:
HEATER ENABLE
GOOD FAN
BAD FAN
FAN
MMBT3904
MMBT3904
SDA
SCL
ADR0
ADR1
V3
V4
V2
2990 TA06
TINTERNAL
HEATER ENABLE
2 SECOND PULSE
CONTROL REGISTER: 0x5D
TAMB
REG 4, 5
0.0625°C/LSB
TR1
REG 6, 7
0.0625°C/LSB
TR2
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
470pF
3.3V
22
0.125W
FAN
0.1µF
TYPICAL APPLICATIONS
VCC
V1
LTC2990
BATTERY I AND V MONITOR
15m*
CHARGING
CURRENT
2-WIRE
I2C
INTERFACE
5V
GND
470pF
NiMH
BATTERY
V(t)
100%
100%
• • •
TBATT
MMBT3904
SDA
SCL
ADR0
ADR1
V3
V4
V2
2990 TA07
TINTERNAL
*IRC LRF3W01R015F
CURRENT AND TEMPERATURE CONFIGURATION:
CONTROL REGISTER: 0x59
TAMB
REG 4, 5
0.0625°C/LSB
IBAT
REG 6, 7
1.295mA/LSB
TBAT
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
VOLTAGE AND TEMPERATURE CONFIGURATION:
CONTROL REGISTER: 0x58
TAMB
REG 4, 5
0.0625°C/LSB
VBAT
REG 8, 9
305.18µVLSB
TBAT
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
+
T(t)
100%
I(t)
0.1µF
Battery Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com