Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFFM6901 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFFM6901
Description  2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM6901 Datasheet(HTML) 3 Page - Qorvo, Inc

  RFFM6901 Datasheet HTML 1Page - Qorvo, Inc RFFM6901 Datasheet HTML 2Page - Qorvo, Inc RFFM6901 Datasheet HTML 3Page - Qorvo, Inc RFFM6901 Datasheet HTML 4Page - Qorvo, Inc RFFM6901 Datasheet HTML 5Page - Qorvo, Inc RFFM6901 Datasheet HTML 6Page - Qorvo, Inc RFFM6901 Datasheet HTML 7Page - Qorvo, Inc RFFM6901 Datasheet HTML 8Page - Qorvo, Inc RFFM6901 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Revision DS20170818
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFFM6901
3 of 11
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
Large Signal Gain PA2 High Bias
(ANT1/ANT2) at 4.0V
12
14
dB
PA PAE
64
%
PA VCC = VDIG = 3.6V, POUT = 30.1dBm
Transmit Mode 3V (Low Bias)
PA VCC = VDIG = 3.0V, LNAVCC = 0V, CTL1 = CTL4 = 2.8V, CTL2 =
CTL3 = CTL5 = 0V.
Power Supply Operation Voltage-
Low
2.8
3.0
3.2
V
PA VCC
Input Power
5
dBm
CW Output Power-near saturation
(ANT1/2) at 3.0V
27.5
28
dBm
Output Power (ANT1/2) at 3.0V
26.5
27
dBm
VCC = 3.0V, POUT at ANT1 and ANT2
1/2W Current (ANT1/2) at 3.0V at
POUT = 27dBm
400
450
500
mA
1/4W Current (ANT1/2) at 3.0V at
POUT = 24dBm
300
340
375
mA
Quiescent current
12
mA
PA VCC = VDIG = 3.0V
25
mA
PA VCC = VDIG = 3.6V
2nd Harmonic (ANT1/2) High
Voltage (4.0V) 30dBm POUT
-32
dBc
3rd to 10th Harmonic (ANT1/2)
High Voltage (4.0V)
30dBm POUT
-71
dBc
2nd Harmonic (ANT1/2) Low
Voltage (3.0V) 30dBm POUT
-32
dBc
3rd to 10th Harmonic (ANT1/2) Low
Voltage (3.0V) 30dBm POUT
-71
dBc
Input Return Loss (PA1-
ANT1/2)High Voltage (4.0V)
-10
dB
Measured at PA-IN Port at Pin 30
Input Return Loss (PA1-
ANT1/2)Low Voltage (3.0V)
-10
dB
PA Leakage Current
0.5
5
µA
PA VCC = 4.2V, PD SEL Logic = 0.0V
Noise Power at ANT ½ -Electric
only at -8MHz Offset from carrier
-132
dBm/H
z
PA_VCC voltage of 4.2V and POUT = +28dBm, PA2 only zero noise
contribution from PA1
RX Section
LNA Mode (High Bias)
LNAVCC = VDIG = 4.0V, PA VCC = 0V, CTL1 = CTL2 = CTL3 = CTL4
= 3.8V, CTL5 = 0V. Pin 13 floating
Operating Voltage
2.7
4.0
4.2
V
Gain at High Bias
15
17
dB
LNA_VCC = 3.3 to 4.2V; LNA Bias = High Bias, PI = -40 to -10 dBm
13
15
dB
LNA_VCC = 2.7V; LNA Bias = High Bias, PI = -40 to -10 dBm
Noise Figure at High Bias
1.5
2
dB
LNA_VCC = 3.3V to 4.2V; LNA Bias = High Bias
1.5
2
dB
LNA_VCC = 2.7V LNA Bias = High Bias
Input IP3 at High Bias
3
5
dBm
LNA_VCC = 4.2V; LNA Bias = High Bias
2
5
dBm
LNA_VCC = 2.7V LNA Bias = High Bias
Input P1dB
-5
dBm
LNA_VCC = 3.3 to 4.2V; LNA Bias = High Bias
Input Return Loss
10
dB
Measured at LNA-IN Port at Pin 14
Output Return Loss
10
dB
Measured at RFIO 900 Pin 2
Power Supply Current
6
8
10
mA
LNA_VCC
LNA Mode (Low Bias)
LNAVCC = VDIG = 4.0V, PA VCC = 0V, CTL1 = CTL2 = CTL3 = CTL4
= 3.8V, CTL5 = 0V. 51K
Ω pull-down resistor from pin 13 to ground
Gain at Low Bias
13
15
dB
LNA_VCC = 3.3V to 4.2V; LNA Bias = Low Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com