Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8009BS3 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STW8009BS3
Description  Mobile Video DENC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009BS3 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STW8009BS3 Datasheet HTML 10Page - STMicroelectronics STW8009BS3 Datasheet HTML 11Page - STMicroelectronics STW8009BS3 Datasheet HTML 12Page - STMicroelectronics STW8009BS3 Datasheet HTML 13Page - STMicroelectronics STW8009BS3 Datasheet HTML 14Page - STMicroelectronics STW8009BS3 Datasheet HTML 15Page - STMicroelectronics STW8009BS3 Datasheet HTML 16Page - STMicroelectronics STW8009BS3 Datasheet HTML 17Page - STMicroelectronics STW8009BS3 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
Functional description
STw8009/STw8019
14/55
Figure 11.
1.9 MHz chroma filter
4.8
Composite video signal generation
The composite video signal is created by adding the luminance and the chrominance
components. A saturation function is included in the adder to avoid overflow errors.
4.9
MacrovisionTM copy protection
STw8019 provides MacrovisionTM copy protection rev 7.1.L1 feature.
4.10
TV/VCR plug insertion detection
Plugdet ball is used to detect the connection of a TV or a VCR. The host can read the status
in a dedicated register in standby and active modes.
4.11
DAC
STw8009/STw8019 outputs generate Composite video signal on one output or Y/C video
signals on two outputs.
Two embedded 10-bit DACs allow the STw8009/STw8019 to directly drive 37.5 Ohms loads
on each output.
4.12
Power management
Power management includes power supplies, reset signals, clock gating and a set of
dedicated pins and registers. Power management is used to set the STw8009/STw8019 in
different operating modes.
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com