Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD-9506-10GC/AC-US Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-9506-10GC/AC-US
Description  Multi-port IEEE802.3bt Compliant 60W PoE Midspan Family with Network Management
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9506-10GC/AC-US Datasheet(HTML) 1 Page - Microchip Technology

  PD-9506-10GC/AC-US Datasheet HTML 1Page - Microchip Technology PD-9506-10GC/AC-US Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD-95xx-10GC Family
Multi-port IEEE802.3bt Compliant 60W PoE
Midspan Family with Network Management
Specifications
Feature
Description
Number of Ports
6/12/24
Data Rate
10/100/1000 Mbps, 2.5/5/10 Gbps
AC Input Power
Requirement
AC Input Voltage: 100 to 240 Vac
AC Input Current:
6 port 450W unit - 5A @ 100 Vac
12 port 950W unit - 9A @ 100 Vac
24 port 950W unit - 12A @ 100 Vac
AC Frequency: 50/60 Hz
Output Power
User Port Power: 60 Watts
Aggregate Power: 450W (6 port), 950W (12 port) or 950W (24 port)
Power over Ethernet Output
Spare Pair: 4/5(+), 7/8(-)
Data Pair: 3/6(+), 1/2(-)
Nominal output voltage: 54 Vdc
Dimensions
L x W x H
435 mm x 271 mm x 44 mm
17.2 in. x 10.7 in. x 1.75 in
Net Weight
6 Port - 4.54 Kg
12 Port - 5.34 Kg
24 port - 5.48 Kg
Connectors
Ports - 6 port Gang Shielded RJ-45, EIA 568A and 568B
AC connector - IEC 69320 type C14
DC connector - Terminal Block Connector. two positive (+) and two
negative. (-) terminals
Communication Port - USB Type A and Shielded RJ45
Indicators
System indicator: AC Power – Green
User indicator: Valid Load -Green (4 Pair)
User indicator: Valid Load -Yellow (2 Pair)
User indicator: Overload or Short circuit - Green blinks 0.5 Hz
Management
PowerView Pro included
Environmental Conditions
Operating Ambient Temperature: 32⁰F to 104⁰F (0⁰C to +40⁰C)
Operating Humidity: Maximum 90%, Non-Condensing
Storage Temperature: –4⁰F to +158⁰F (–20⁰C to +70⁰C)
Storage Humidity: Maximum 95%, Non-condensing
Operating Altitude -1312 to 10,000ft (-400 to 3048m)
Hazardous Substances
CE, WEEE
Warranty
3 years
Extended Warranty
Available
Contact Microchip
Reliability
MTBF: 100,000hrs @ 25⁰C
Thermal Rating
234 BTU/Hr (6 Port)
432 BTU/Hr (12 Port)
525 BTU/Hr (24 Port)
Regulatory Compliance
IEEE 802.3bt
Electromagnetic Emission
and Immunity
FCC Part 15, Class B
EN 55032 Class B
EN 55024
VCCI
Safety
UL/IEC/EN 62368-1
Please contact Microchip for a complete list of certifications
microchip.com
Summary
Microchip’s PD-95xx-10GC is a family
of Power over Ethernet (PoE) mid-
spans offering 60W power per the
IEEE802.3bt standard. The family is
available in 6-, 12- and 24-port con-
figurations. Input power is provided
through a universal AC voltage con-
nector. The product is designed for
use with a standard 10/100/1000 and
10G BaseT Ethernet network over a
standard category 6A or better cabling
plant, according to the IEEE802.3bt
standard.
The PD-95xx-10GC family incorpo-
rates power management through
Microchip’s Powerview Pro software
allowing the user to monitor and
control the PD95xx-10GC via a remote
network management station.
Features
• Supports IEEE802.3bt type 3 standard PDs
• IEEE 802.3af/at backward compatible
• Legacy and pre-standard support
• 6, 12 and 24 ports
• Supports 10/100/1000 Mbps,
2.5/5/10 Gbps
• PowerView Pro, remote web-based
SNMPv3 power management
environment


Similar Part No. - PD-9506-10GC/AC-US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-9506G MICROSEMI-PD-9506G Datasheet
788Kb / 2P
72W/Port Gigabit EEPoE Midspan Family for High Power Terminals
PD-9506GACDC MICROSEMI-PD-9506GACDC Datasheet
788Kb / 2P
72W/Port Gigabit EEPoE Midspan Family for High Power Terminals
PD-9506GACDCM MICROSEMI-PD-9506GACDCM Datasheet
788Kb / 2P
72W/Port Gigabit EEPoE Midspan Family for High Power Terminals
logo
Microchip Technology
PD-9506GC MICROCHIP-PD-9506GC Datasheet
549Kb / 2P
60W/Port Gigabit Midspan Family for High-Power Powered Devices
9/19
PD-9506GC/AC-AU MICROCHIP-PD-9506GC/AC-AU Datasheet
549Kb / 2P
60W/Port Gigabit Midspan Family for High-Power Powered Devices
9/19
More results

Similar Description - PD-9506-10GC/AC-US

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE60U-1BT PHIHONG-POE60U-1BT Datasheet
516Kb / 3P
60W Single Port Power over Ethernet Midspan IEEE802.3bt Compliant Power Injector
logo
Microchip Technology
PD-9501GI MICROCHIP-PD-9501GI Datasheet
287Kb / 1P
Single Port, 60W Industrial PoE Midspan
1/21
logo
Microsemi Corporation
PD-9000G MICROSEMI-PD-9000G Datasheet
928Kb / 2P
IEEE802.3at Compliant 36W/Port Midspan Family
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G_V01 Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501GO MICROSEMI-PD-9501GO Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PD-9501GO MICROSEMI-PD-9501GO_V01 Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
logo
Microchip Technology
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-6500G MICROCHIP-PD-6500G Datasheet
401Kb / 2P
Multi-port 802.3af Compliant Midspan Family With Network Management System
5/21
PD-96XXGC MICROCHIP-PD-96XXGC Datasheet
381Kb / 2P
Multi-Port IEEE짰 802.3bt-Compliant 90W PoE Midspan Family With Network Management
7/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com