Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C3202 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C3202
Description  3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C3202 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DS90C3202 Datasheet HTML 14Page - National Semiconductor (TI) DS90C3202 Datasheet HTML 15Page - National Semiconductor (TI) DS90C3202 Datasheet HTML 16Page - National Semiconductor (TI) DS90C3202 Datasheet HTML 17Page - National Semiconductor (TI) DS90C3202 Datasheet HTML 18Page - National Semiconductor (TI) DS90C3202 Datasheet HTML 19Page - National Semiconductor (TI) DS90C3202 Datasheet HTML 20Page - National Semiconductor (TI) DS90C3202 Datasheet HTML 21Page - National Semiconductor (TI) DS90C3202 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DS90C3202 Two-Wire Serial Interface Register Table (Continued)
Address
R/W
RESET
Bit #
Description
Default Value
30d/1eh
R/W
None
[7:5]
Reserved
0000_0000
[4]
I/O disable control for RXE channel A,
1: disable, 0: enable (default)
[3]
I/O disable control for RXE channel B,
1: disable, 0: enable (default)
[2]
I/O disable control for RXE channel C,
1: disable, 0: enable (default)
[1]
I/O disable control for RXE channel D,
1: disable, 0: enable (default)
[0]
I/O disable control for RXE channel E,
1: disable, 0: enable (default)
31d/1fh
R/W
None
[7:6]
11; LVTTL Outputs available as long as "NO CLK" is at
HIGH regardless PLL lock or not
10; LVTTL Outputs available after 1K of CLK cycles
detected & PLL generated strobes are within 0.5UI
respect to REFCLK
01; LVTLL Outputs available after 2K of CLK cycles
detected
00: default ; LVTTL Outputs available after 1K of CLK
cycles detected
0000_0000
[5]
0: default; to select the size of wait counter between 1K
or 2K, default is 1K
[4]
I/O disable control for RXO channel A,
1: disable, 0: enable (default)
[3]
I/O disable control for RXO channel B,
1 disable, 0: enable (default)
[2]
I/O disable control for RXO channel C,
1: disable, 0: enable (default)
[1]
I/O disable control for RXO channel D,
1: disable, 0: enable (default)
[0]
I/O disable control for RXO channel E,
1: disable, 0: enable (default)
Note 13: Registers with RESET designated with “None” requires device to be power cycled to reset register values to their default state.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com