Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFFC5071ASQ Datasheet(PDF) 11 Page - Qorvo, Inc

Part # RFFC5071ASQ
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5071ASQ Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button RFFC5071ASQ Datasheet HTML 7Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 8Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 9Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 10Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 11Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 12Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 13Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 14Page - Qorvo, Inc RFFC5071ASQ Datasheet HTML 15Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
RFFC5071A/2A
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6 GHz MIXER
Data Sheet Rev. D, August 22, 2019 | Subject to change without notice
11 of 27
www.qorvo.com
®
The modulation frequency is calculated according to the following formula:
FMOD = 2MODSTEP
 FPD  (MODULATION)  216
Where MODULATION is a 2's complement number and FPD is the phase detector frequency
Programming Information
The RFFC5071A and RFFC5072A share a common serial interface and control block. Please refer to the Register Maps and
Programming Guide which are available for download from
https://www.qorvo.com/products/d/da000718.
Evaluation Boards
Evaluation boards for RFFC5071A and RFFC5072A are provided as part of a design kit, along with the necessary cables and
programming software tool to enable full evaluation of the device. Design kits can be ordered from www.qorvo.com or from local Qorvo
sales offices and authorized sales channels. For ordering codes please see
“Ordering Information” on page 2.
For further details on how to set up the design kits go to
https://www.qorvo.com/products/d/da000718.
The standard evaluation boards are configured with 3.7 GHz ceramic baluns on the RF ports and wideband transformers on the IF ports.
On the RFFC5071A evaluation board, mixer 1 is configured for down-conversion and mixer 2 is configured for up-conversion. On the
RFFC5072A evaluation board, mixer 2 is configured for down conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com