Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFFC5072ASB Datasheet(PDF) 6 Page - Qorvo, Inc

Part # RFFC5072ASB
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5072ASB Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button RFFC5072ASB Datasheet HTML 2Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 3Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 4Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 5Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 6Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 7Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 8Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 9Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
RFFC5071A/2A
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6 GHz MIXER
Data Sheet Rev. D, August 22, 2019 | Subject to change without notice
6 of 27
www.qorvo.com
®
Theory of Operation
The RFFC5071A and RFFC5072A are wideband RF frequency converter chips which include a fractional-N synthesizer and a low noise
VCO core. The RFFC5071A has an LO signal multiplexer, two LO buffer circuits, and two RF mixers. The RFFC5072A has a single LO
buffer circuit and one RF mixer. Both devices have an integrated voltage reference and low drop out regulators supplying critical circuit
blocks such as the VCOs and synthesizer. Synthesizer programming, device configuration and control are achieved through a mixture of
hardware and software controls. All on-chip registers are programmed through a simple 3-wire serial interface.
VCO
The VCO core in the RFFC5071A and RFFC5072A consists of three VCOs which, in conjunction with the integrated LO dividers of /2
to /32, cover the LO range of 85MHz to 4200 MHz. Each VCO has 128 overlapping bands which are used to achieve low VCO gain
and optimal phase noise performance across the whole tuning range. The chip automatically selects the correct VCO (VCO auto-select)
and VCO band (VCO coarse tuning) to generate the desired LO frequency based on the values programmed into the PLL1 and PLL2
registers banks.
The VCO auto select and VCO coarse tuning are triggered every time ENBL is taken high, or if the PLL re-lock self-clearing bit is
programmed high. Once the correct VCO and band have been selected the PLL will lock onto the correct frequency. During the band
selection process, fixed capacitance elements are progressively connected to the VCO resonant circuit until the VCO is oscillating
approximately at the correct frequency. The output of this band selection, CT_CAL, is made available in the readback register. A value
of 127 or 0 in this register indicates that the coarse tuning was unsuccessful, and this will also be indicated by the CT_FAILED flag also
available in the read-back register. A CT_CAL value between 1 and 126 indicates a successful calibration, the actual value being
dependent on the desired frequency as well as process variation for a particular device.
The band select process will center the VCO tuning voltage at about 0.8 V, compensating for manufacturing tolerances and process
variation as well as environmental factors including temperature. The VCOs have temperature compensation circuits so the PLL will hold
lock over the entire operating temperature range of -40 °C to +85 °C. This is true regardless of the temperature at which the VCO band
selection is performed. The VCO gain is also held stable across temperature, maintaining consistent loop bandwidth and synthesizer
phase noise.
The RFFC5071A and RFFC5072A feature a differential LO input to allow the mixer to be driven from an external LO source. The fractional-
N PLL can be used with an external VCO driven into this LO input, which may be useful to reduce phase noise in some applications. This
may also require an external op-amp, dependent on the tuning voltage required by the external VCO.
In the RFFC5071A the LO signal is routed to mixer 1, mixer 2, or both mixers depending on the state of the MODE pin (or MODE
bit if under software control) and the value of the FULLD bit. Setting FULLD high puts the device into Full Duplex mode and both mixers
are enabled.
Fractional-N PLL
The RFFC5071A and RFFC5072A contain a charge pump-based fractional-N phase locked loop (PLL) for controlling the three VCOs.
The PLL includes automatic calibration systems to counteract the effects of process and environmental variations, ensuring repeatable
loop response and phase noise performance. As well as the VCO auto-select and coarse tuning, there is a loop filter calibration
mechanism which can be enabled if required. This operates by adjusting the charge pump current to maintain loop bandwidth. This can
be useful for applications where the LO is tuned over a wide frequency range.
The PLL has been designed to use a reference frequency of between 10 MHz and 104 MHz from an external source, which is typically a
temperature controlled crystal oscillator (TCXO). A reference divider (divide by 1 to divide by 7) is supplied and should be programmed
to limit the frequency at the phase detector to a maximum of 52 MHz.
Two PLL programming banks are provided, the first bank is preceded by the label PLL1 and the second bank is preceded by the label
PLL2. For the RFFC5071A these banks are used to program mixer 1 and mixer 2 respectively,and are selected automatically as the
mixer is selected using MODE. For the RFFC5072A mixer 2 and register bank PLL2 are normally used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com