Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS32KHZ/DIP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS32KHZ/DIP
Description  32.768kHz Temperature-Compensated Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS32KHZ/DIP Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS32KHZ/DIP Datasheet HTML 1Page - Maxim Integrated Products DS32KHZ/DIP Datasheet HTML 2Page - Maxim Integrated Products DS32KHZ/DIP Datasheet HTML 3Page - Maxim Integrated Products DS32KHZ/DIP Datasheet HTML 4Page - Maxim Integrated Products DS32KHZ/DIP Datasheet HTML 5Page - Maxim Integrated Products DS32KHZ/DIP Datasheet HTML 6Page - Maxim Integrated Products DS32KHZ/DIP Datasheet HTML 7Page - Maxim Integrated Products DS32KHZ/DIP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS32kHz
4 of 8
TYPICAL OPERATING CHARACTERISTICS
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
IBAT versus VBAT
1.5
2
2.5
3
3.5
4
4.5
2.7
3.2
3.7
4.2
4.7
5.2
VBAT (V)
ICC versus VCC
75
85
95
105
115
125
135
145
4.50
4.75
5.00
5.25
5.50
VCC (V)
Frequency Deviation Versus Supply Voltage
-1
0
1
2
3
4
5
6
7
2.7
3.2
3.7
4.2
4.7
5.2
Supply Voltage (V)
VBAT
VCC
IBAT vs. VBAT vs. output load
0.0
2.5
5.0
7.5
10.0
12.5
15.0
2.7
3.2
3.7
4.2
4.7
5.2
VBAT
10pF
22pF
47pF
0pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com