Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFSA2113 Datasheet(PDF) 15 Page - Qorvo, Inc

Part # RFSA2113
Description  Wide Bandwidth Voltage Controlled Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA2113 Datasheet(HTML) 15 Page - Qorvo, Inc

Back Button RFSA2113 Datasheet HTML 11Page - Qorvo, Inc RFSA2113 Datasheet HTML 12Page - Qorvo, Inc RFSA2113 Datasheet HTML 13Page - Qorvo, Inc RFSA2113 Datasheet HTML 14Page - Qorvo, Inc RFSA2113 Datasheet HTML 15Page - Qorvo, Inc RFSA2113 Datasheet HTML 16Page - Qorvo, Inc RFSA2113 Datasheet HTML 17Page - Qorvo, Inc RFSA2113 Datasheet HTML 18Page - Qorvo, Inc RFSA2113 Datasheet HTML 19Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
RFSA2113
Wide Bandwidth Voltage Controlled Attenuator
Data Sheet, September 2, 2016 | Subject to change without notice
15 of 19
www.qorvo.com
®
Evaluation Board Schematic
Evaluation Board Bill of Material
Ref. Des.
Value
Description
Manuf.
Part Number
U1
n/a
Voltage Controlled Attenuator VCA
Qorvo
RFSA2113
J1-J4
n/a
CONN, SMA, END LNCH, RND PIN, 0.039"
Gigalane Co., Ltd.
PSF-S01-002
P1
n/a
CONN, HDR, ST, 6-PIN, 0.100", T/H
Molex
22-28-4063
n/a
n/a
SA2113-410 Evaluation Board
DDI
SA2113-410(A)
C2, C6-C7
1000 pF
CAP, 10%, 25V, X7R, 0402
Murata Electronics
GRM155R71H102KA01D
C1
1 μF
CAP, 10%, 16V, X7R, 1206
Murata Electronics
GRM31MR71E105KC01L
C3
10
 pF
CAP, 5%, 50V, C0G, 0402
Murata Electronics
GRM1555C1H100JZ01E
R1
0 Ω
RES, 0402
Kamaya, Inc
RMC1/16SJPTH
R2
-
DNP
C4-C5
-
DNP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com