| Electronic Components Datasheet Search |
|
68HC16MODULE-DIP Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
68HC16MODULE-DIP Datasheet(HTML) 3 Page - Maxim Integrated Products |
|
3 / 12 page ![]() Digital-to-Analog Converter Window The MAX1234: Digital to Analog Converter window con- trols the voltage at the DACOUT pin. Enter the DAC code value between 0 and 255, and click Write DAC. The DAC can be powered off by clicking DAC Off (see Figure 4). For improved accuracy, set the DAC output code to 255 and measure the actual DACOUT voltage. Enter the full-scale voltage into DAC Full-Scale Voltage to adjust the reported ideal DAC output voltage. Keypad Window The Keypad window controls the 4 ✕ 4 keypad scanner. Use the drop-down combo boxes to set up the keypad control register, then click Write KEY Control. Refer to the MAX1234 data sheet for suggested usage details (see Figure 5). Click Read KPDATA1 to read data masked by the col- umn mask. Click Read KPDATA2 to read keypad data masked by the key mask and column mask. Active key presses are highlighted on the keypad display. Mask individual keys using the appropriate R1C1...R4C4 checkboxes and clicking Write key mask. Or mask an entire column using the C1–C4 checkboxes and clicking Write column mask. Masked keys are grayed on the keypad display. GPIO Window The GPIO screen reassigns the keypad pins to general- purpose input and output. Keypad pins R1–R4 and C1–C4 can be individually assigned to GPIO. The Write GPIO button writes all of the GPIO registers from the checkboxes. Each GPIO pin can be configured as an input, a totem-pole output, or an open-collector out- put (see Figure 6). MAX1234 Evaluation System/Evaluation Kit _______________________________________________________________________________________ 3 Figure 1. EV Software’s Main Window Note: The evaluation software’s main window provides direct access to all registers, and controls the interrupt response. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |