Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M54HC4514 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M54HC4514
Description  RAD-HARD 4 TO 16 LINE DECODER/LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4514 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M54HC4514 Datasheet HTML 2Page - STMicroelectronics M54HC4514 Datasheet HTML 3Page - STMicroelectronics M54HC4514 Datasheet HTML 4Page - STMicroelectronics M54HC4514 Datasheet HTML 5Page - STMicroelectronics M54HC4514 Datasheet HTML 6Page - STMicroelectronics M54HC4514 Datasheet HTML 7Page - STMicroelectronics M54HC4514 Datasheet HTML 8Page - STMicroelectronics M54HC4514 Datasheet HTML 9Page - STMicroelectronics M54HC4514 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
M54HC4514
7/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.1
2.72
0.083
0.107
a1
2.7
3.0
3.3
0.106
0.118
0.130
a2
1.016
1.27
1.524
0.40
0.50
0.60
B
1.93
2.16
2.39
0.076
0.085
0.094
b
0.40
0.45
0.50
0.016
0.018
0.020
b1
0.20
0.254
0.30
0.008
0.010
0.012
D
30.17
30.48
30.78
1.188
1.200
1.212
E
7.36
7.62
7.87
0.290
0.300
0.310
e
2.54
0.100
e1
27.81
28.07
1.095
1.105
e2
7.62
7.87
8.12
0.300
0.310
0.320
F
7.24
7.75
0.285
0.305
I
4.24
0.167
K
14.22
14.48
0.560
0.570
L
1.22
1.27
1.32
0.048
0.050
0.052
DILC-24 (0.3”) MECHANICAL DATA
0016179I



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com