Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69AW024BE60ZB8F Datasheet(PDF) 3 Page - STMicroelectronics

Part # M69AW024BE60ZB8F
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024BE60ZB8F Datasheet(HTML) 3 Page - STMicroelectronics

  M69AW024BE60ZB8F Datasheet HTML 1Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 2Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 3Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 4Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 5Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 6Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 7Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 8Page - STMicroelectronics M69AW024BE60ZB8F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3/25
M69AW024BE
Table 8. Write Mode AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 10.Write AC Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 11.W Controlled, Write AC Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 12.Write Enable and UB/LB Controlled, Byte Write AC Waveforms 1 . . . . . . . . . . . . . . . . . 18
Figure 13.Write Enable and UB/LB Controlled, Byte Write AC Waveforms 2 . . . . . . . . . . . . . . . . . 18
Figure 14.Write Enable and UB/LB Controlled, Byte Write AC Waveforms 3 . . . . . . . . . . . . . . . . . 19
Figure 15.Write Enable and UB/LB Controlled, Byte Write AC Waveforms 4 . . . . . . . . . . . . . . . . . 19
Table 9. Standby, Power-Down and Power-Up AC Parameters . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 16.Power-up Mode AC Waveforms - 1. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 17.Power-up Mode AC Waveforms - 2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 18.Power-Down Entry ad Exit AC Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 19.Standby Mode Entry AC Waveforms, after Read or Write . . . . . . . . . . . . . . . . . . . . . . . 21
PACKAGE MECHANICAL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 20.TFBGA48 6x8mm - 6x8 ball array, 0.75 mm pitch, Package Outline, Bottom View . . . . 22
Table 10. TFBGA48 6x8mm - 6x8 ball array, 0.75 mm pitch, Package Mechanical Data. . . . . . . . 22
PART NUMBERING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 11. Ordering Information Scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
REVISION HISTORY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 12. Document Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com