Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS93421 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 77Page - NXP Semiconductors FXLS93421 Datasheet HTML 78Page - NXP Semiconductors FXLS93421 Datasheet HTML 79Page - NXP Semiconductors FXLS93421 Datasheet HTML 80Page - NXP Semiconductors FXLS93421 Datasheet HTML 81Page - NXP Semiconductors FXLS93421 Datasheet HTML 82Page - NXP Semiconductors FXLS93421 Datasheet HTML 83Page - NXP Semiconductors FXLS93421 Datasheet HTML 84Page - NXP Semiconductors FXLS93421 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.2.24 Channel 0 and Channel 1 user configuration #2 registers (CH0_CFG_U2,
CH1_CFG_U2)
The Channel 0 and Channel 1 user configuration #2 registers are user programmable
read/write registers which contain channel-specific configuration information. The
registers are included in the read/write array error detection.
These registers are readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
programming mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$41
CH0_CFG_U2
U_SNS_
MULT[7]
U_SNS_
MULT[6]
U_SNS_
MULT[5]
U_SNS_
MULT[4]
U_SNS_
MULT[3]
U_SNS_
MULT[2]
U_SNS_
MULT[1]
U_SNS_
MULT[0]
$49
CH1_CFG_U2
U_SNS_
MULT[7]
U_SNS_
MULT[6]
U_SNS_
MULT[5]
U_SNS_
MULT[4]
U_SNS_
MULT[3]
U_SNS_
MULT[2]
U_SNS_
MULT[1]
U_SNS_
MULT[0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 139. Channel 0 and Channel 1 user configuration #2 registers (CH0_CFG_U2, CH1_CFG_U2)
11.2.24.1 User sensitivity multiplier bits (U_SNS_MULT[7:0])
The user sensitivity multiplier bits are used along with the user sensitivity shift bits to
scale the output sensitivity of the device. Equation 1 describes the scaling:
(1)
Where:
TrimSensitivity
= The default trimmed sensitivity of the device, as specified in
Section 10.6
SensitivityMultiplier
= The unsigned multiplier value contained in the U_SNS_MULT[7:0] bits
SensitivityShiftFactor = The Shift Factor selected by the U_SNS_SHIFT[1:0] bits as described
in Table 140
Device Type
U_SNS_SHIFT[1]
U_SNS_SHIFT[0]
Sensitivity
shift factor
Normal Range
0
0
0.25
Normal Range
0
1
0.50
Normal Range
1
0
1
Normal Range
1
1
2
Table 140. Sensitivity shift factors
Table 141 shows some example user shift and multiplier values for typical full scale
ranges (± 2047, 12 bit):
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
81 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com