Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS93333 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 88Page - NXP Semiconductors FXLS93333 Datasheet HTML 89Page - NXP Semiconductors FXLS93333 Datasheet HTML 90Page - NXP Semiconductors FXLS93333 Datasheet HTML 91Page - NXP Semiconductors FXLS93333 Datasheet HTML 92Page - NXP Semiconductors FXLS93333 Datasheet HTML 93Page - NXP Semiconductors FXLS93333 Datasheet HTML 94Page - NXP Semiconductors FXLS93333 Datasheet HTML 95Page - NXP Semiconductors FXLS93333 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.2.30 Offset cancellation user configuration register (OC_PHASE_CFG)
The offset cancellation user configuration register is a user programmable read/write
register which contains offset cancellation configuration information. The register is
included in the read/write array error detection.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$50
OC_PHASE_CFG CH0_OCFINAL CH1_OCFINAL
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 164. Offset cancellation user configuration register (OC_PHASE_CFG)
11.2.30.1 Channel 0 and Channel 1 offset cancellation final phase control bit (CH0_OCFINAL,
CH1_OCFINAL)
The channel 0 offset cancellation final phase control bit provides the option for the user to
control the final offset cancellation phase for normal mode as shown in Table 165.
CH0_
OCFINAL
Channel 0 offset cancellation final phase for normal mode
0
Phase 6 (a or b) as specified in the table in Section 11.6.4.6
1
Phase 5 as specified in the table in Section 11.6.4.6
(Rate Limiting is always bypassed)
Table 165. Channel 0 offset cancellation final phase control bit (CH0_OCFINAL,
CH1_OCFINAL)
The channel 1 offset cancellation final phase control bit provides the option for the user to
control the final offset cancellation phase for normal mode as shown in Table 166.
CH1_
OCFINAL
Channel 1 offset cancellation final phase for normal mode
0
Phase 6 (a or b) as specified in the table in Section 11.6.4.6
1
Phase 5 as specified in the table in Section 11.6.4.6
(Rate Limiting is always bypassed)
Table 166. Channel 1 offset cancellation final phase control bit (CH0_OCFINAL,
CH1_OCFINAL)
11.2.31 User offset calibration registers (Chx_U_OFFSET_L, Chx_U_OFFSET_H)
The user offset calibration registers contain a user programmable 16-bit signed offset
correction value for the sensor data.
These registers can be written during initialization but are locked once the ENDINIT bit
is set. Refer to Section 11.2.6. The registers are included in the read/write array error
detection.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
92 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com