Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA4ES Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPF7100BVBA4ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA4ES Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPF7100BVBA4ES Datasheet HTML 5Page - NXP Semiconductors MPF7100BVBA4ES Datasheet HTML 6Page - NXP Semiconductors MPF7100BVBA4ES Datasheet HTML 7Page - NXP Semiconductors MPF7100BVBA4ES Datasheet HTML 8Page - NXP Semiconductors MPF7100BVBA4ES Datasheet HTML 9Page - NXP Semiconductors MPF7100BVBA4ES Datasheet HTML 10Page - NXP Semiconductors MPF7100BVBA4ES Datasheet HTML 11Page - NXP Semiconductors MPF7100BVBA4ES Datasheet HTML 12Page - NXP Semiconductors MPF7100BVBA4ES Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
9 / 125
12.2 Functional block diagram
aaa-034298
PF7100
FUNCTIONAL BLOCK DIAGRAM
LDO1
(0.8 V TO 5 V, 400 mA)
VSNVS2 (RTC SUPPLY)
(0.8 V/0.9 V/1.8 V, 10 mA)
LDO2
(0.8 V TO 5 V, 400 mA)
LOGIC AND CONTROL
I2C
WATCHDOG
MCU INTERFACE
REGULATOR CONTROL
FAULT DETECTION
FUNCTIONAL SAFETY
(ABIST)
AMUX
(DIAGNOSTICS)
OTP
(FLEXIBLE CONFIGURATION)
BUCK1 (MASTER/SLAVE)
(0.4 V TO 1.8 V, 2.5 A)
BUCK2 (MASTER/SLAVE)
(0.4 V TO 1.8 V, 2.5 A)
BUCK3 (MASTER/SLAVE)
(VTT/0.4 V TO 1.8 V, 2.5 A)
BUCK4 (MASTER/SLAVE)
(0.4 V TO 1.8 V, 2.5 A)
BUCK5 (INDEPENDENT)
(1.0 V TO 4.1 V, 2.5 A)
VSNVS1 (RTC SUPPLY)
(1.8 V/3.0 V/3.3 V, 10 mA)
Figure 5. Functional block diagram
12.3 Power tree summary
The following table shows a summary of the voltage regulators in the PF7100.
Table 9. Voltage supply summary
Regulator
Type
Input supply
Regulated output
range (V)
VOUT programmable
step (mV)
IRATED (mA)
SW1
Buck
SW1IN [1]
0.4 V to 1.8 V
6.25
2500
SW2
Buck
SW2IN [1]
0.4 V to 1.8 V
6.25
2500
SW3
Buck
SW3IN [1]
VTT/0.4 V to 1.8 V
6.25
2500
SW4
Buck
SW4IN [1]
0.4 V to 1.8 V
6.25
2500
SW5
Buck
SW5IN [1]
1.0 V to 4.1 V
—
2500
LDO1
Linear (P-type)
LDO1IN
0.8 V to 5.0 V
—
400
LDO2
Linear (P-type)
LDO2IN
0.8 V to 5.0 V
—
400
VSNVS1
LDO
VIN
1.8 V/3.0 V/3.3 V
—
10
VSNVS2
LDO
VIN
0.8 V/0.9 V/1.8 V
—
10
[1]
Input supply for switching regulators must be capable to sink current to avoid overvoltage condition during power down sequence of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com