Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX19693 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX19693
Description  On-Board 1.25V Reference Circuitry
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19693 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX19693 Datasheet HTML 1Page - Maxim Integrated Products MAX19693 Datasheet HTML 2Page - Maxim Integrated Products MAX19693 Datasheet HTML 3Page - Maxim Integrated Products MAX19693 Datasheet HTML 4Page - Maxim Integrated Products MAX19693 Datasheet HTML 5Page - Maxim Integrated Products MAX19693 Datasheet HTML 6Page - Maxim Integrated Products MAX19693 Datasheet HTML 7Page - Maxim Integrated Products MAX19693 Datasheet HTML 8Page - Maxim Integrated Products MAX19693 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX19692/MAX19693
MAX19692/MAX19693
Evaluation Kit User’s Guide
Table 1. General MAX19692/MAX19693 EV Kit Jumper Settings
Table 2. MAX19692 Frequency-Response Selection (JU4, JU9)
Table 3. MAX19693 Modulation Mode Selection (JU4)
Table 4. MAX19693 Input Register Scan Enable (JU7)
*Default position.
*Default position.
*Default position.
*Default position.
JUMPER
POSITION
EVKIT FUNCTION
JU1
Installed*
Not Installed
MAX19692/MAX19693 external reference connected
MAX19692/MAX19693 using internal reference
JU2
Installed*
Not Installed
Power for U3 – MAX6161 – external reference
MAX6161 NOT powered
JU3
(DELAY)
1-2*
2-3
Logic High (VDD3.3) – Delay of 1/2 Input Data Period
Logic low (GND) – No Delay Added
JU5
(CLKDIV)
1-2*
2-3
Logic High (VDD3.3) – DDR Mode: DATACLK = input data rate/2 (
fCLK/4)
Logic low (GND) – QDR Mode: DATACLK = input data rate/4 (fCLK/8)
JU8
(CAL)
Installed*
Not Installed
External RESET (CAL Enable) Connected
Float CAL Input
SHUNT POSITION
OPERATING MODE
JU4 → RZ
JU9 → RF
2-3*
2-3*
NRZ mode
2-3
1-2
RZ mode
1-2
2-3
RF mode
SHUNT POSITION
OPERATING MODE
1-2
Enable fDAC/2 Modulation Mode
2-3*
Disable Modulation Mode
CONNECTION
SE PIN
SCAN FUNCTION
Installed*
Connected to GND
Scan Disabled
Not Installed
Not connected (SE pin
internally pulled down to
ground GND)
User must supply a
1.8V CMOS logic signal to pin 1 of jumper JU7 to enable scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com