Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAD503P7 Datasheet(PDF) 1 Page - Schneider Electric

Part # CAD503P7
Description  TeSys D control relay - 5 NO - <= 690 V - 230 V AC standard coil
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

CAD503P7 Datasheet(HTML) 1 Page - Schneider Electric

  CAD503P7 Datasheet HTML 1Page - Schneider Electric CAD503P7 Datasheet HTML 2Page - Schneider Electric CAD503P7 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
CAD503P7
TeSys D control relay - 5 NO - <= 690 V - 230 V
AC standard coil
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 63.25 USD
Main
Range
TeSys
Product name
TeSys CAD
Product or Component Type
Control relay
Device short name
CAD
Contactor application
Control circuit
Complementary
Utilisation category
DC-13
AC-15
AC-14
Pole contact composition
5 NO
[Ue] rated operational voltage
<= 690 V AC 25...400 Hz
Control circuit type
AC 50/60 Hz
[Uc] control circuit voltage
230 V AC 50/60 Hz
[Uimp] rated impulse withstand voltage
6 kV IEC 60947
[Ith] conventional free air thermal
current
10 A 140 °F (60 °C)
Irms rated making capacity
140 A AC IEC 60947-5-1
250 A DC IEC 60947-5-1
[Icw] rated short-time withstand current
100 A - 1 s
120 A - 500 ms
140 A - 100 ms
Associated fuse rating
10 A gG IEC 60947-5-1
[Ui] rated insulation voltage
600 V UL
600 V CSA
690 V IEC 60947-5-1
Mounting Support
Plate
Rail
Connections - terminals
spring terminals 1 0.00…0.00 in² (1…2.5 mm²)flexible without cable end
spring terminals 2 0.00…0.00 in² (1…2.5 mm²)flexible without cable end
spring terminals 1 0.00…0.00 in² (1…2.5 mm²)solid without cable end
spring terminals 2 0.00…0.00 in² (1…2.5 mm²)solid without cable end
Control circuit voltage limits
0.3...0.6 Uc -40…158 °F (-40…70 °C) drop-out AC 50/60 Hz
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Sep 7, 2021
1


Similar Part No. - CAD503P7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
CAD503BD SCHNEIDER-CAD503BD Datasheet
137Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 24 V DC standard coil
Sep 6, 2021
CAD503E7 SCHNEIDER-CAD503E7 Datasheet
131Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 48 V AC standard coil
Sep 6, 2021
CAD503FD SCHNEIDER-CAD503FD Datasheet
137Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 110 V DC standard coil
Sep 7, 2021
CAD503FE7 SCHNEIDER-CAD503FE7 Datasheet
127Kb / 2P
TeSys D control relay - 5 NO - <= 690 V - 115 V AC standard coil
Sep 7, 2021
More results

Similar Description - CAD503P7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
CAD50L7 SCHNEIDER-CAD50L7 Datasheet
142Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 200 V AC standard coil
Aug 31, 2021
CAD50E7 SCHNEIDER-CAD50E7 Datasheet
138Kb / 2P
TeSys D control relay - 5 NO - <= 690 V - 48 V AC standard coil
Sep 6, 2021
CAD50P7 SCHNEIDER-CAD50P7 Datasheet
138Kb / 2P
TeSys D control relay - 5 NO - <= 690 V - 230 V AC standard coil
Sep 6, 2021
CAD50Y7 SCHNEIDER-CAD50Y7 Datasheet
137Kb / 2P
TeSys D control relay - 5 NO - <= 690 V - 690 V AC standard coil
Sep 7, 2021
CAD503FE7 SCHNEIDER-CAD503FE7 Datasheet
127Kb / 2P
TeSys D control relay - 5 NO - <= 690 V - 115 V AC standard coil
Sep 7, 2021
CAD506F7 SCHNEIDER-CAD506F7 Datasheet
141Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 110 V AC standard coil
Sep 7, 2021
CAD506K7 SCHNEIDER-CAD506K7 Datasheet
138Kb / 2P
TeSys D control relay - 5 NO - <= 690 V - 100 V AC standard coil
Sep 7, 2021
CAD506L7 SCHNEIDER-CAD506L7 Datasheet
138Kb / 2P
TeSys D control relay - 5 NO - <= 690 V - 200 V AC standard coil
Sep 7, 2021
CAD506P7 SCHNEIDER-CAD506P7 Datasheet
141Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 230 V AC standard coil
Sep 6, 2021
CAD506R7 SCHNEIDER-CAD506R7 Datasheet
141Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 440 V AC standard coil
Sep 7, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com