Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RXM4AB1B7PVM Datasheet(PDF) 1 Page - Schneider Electric

Part # RXM4AB1B7PVM
Description  Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with lockable test button, mixed terminals socket, 24 V AC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RXM4AB1B7PVM Datasheet(HTML) 1 Page - Schneider Electric

  RXM4AB1B7PVM Datasheet HTML 1Page - Schneider Electric RXM4AB1B7PVM Datasheet HTML 2Page - Schneider Electric RXM4AB1B7PVM Datasheet HTML 3Page - Schneider Electric RXM4AB1B7PVM Datasheet HTML 4Page - Schneider Electric RXM4AB1B7PVM Datasheet HTML 5Page - Schneider Electric RXM4AB1B7PVM Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product data sheet
Characteristics
RXM4AB1B7PVM
Harmony, Miniature plug-in relay pre-assembled,
6 A, 4 CO, with lockable test button, mixed
terminals socket, 24 V AC
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 22.95 USD
Main
Range of Product
Harmony Electromechanical Relays
Series name
Miniature
Product or Component Type
Pre-assembled plug-in relay with socket
Device short name
RXM
Contacts type and composition
4 C/O
[Uc] control circuit voltage
24 V AC 50/60 Hz
[Ithe] conventional enclosed thermal
current
6 A -40…131 °F (-40…55 °C)
Status LED
Without
Control Type
Lockable test button
Utilisation coefficient
20 %
Complementary
[Ui] rated insulation voltage
250 V IEC
[Uimp] rated impulse withstand voltage
2.5 kV 1.2/50 µs
Contacts material
AgNi
[Ie] rated operational current
3 A 28 V DC) NC IEC
3 A 250 V AC) NC IEC
6 A 28 V DC) NO IEC
6 A 250 V AC) NO IEC
6 A 277 V AC) UL
8 A 30 V DC) UL
Minimum switching current
10 mA
Maximum switching voltage
250 V
Minimum switching voltage
17 V
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Aug 31, 2021
1


Similar Part No. - RXM4AB1B7PVM

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM4AB1B7PVS SCHNEIDER-RXM4AB1B7PVS Datasheet
192Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with lockable test button, separate terminals socket, 24 V AC
Aug 4, 2021
More results

Similar Description - RXM4AB1B7PVM

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM4AB2BDPVM SCHNEIDER-RXM4AB2BDPVM Datasheet
190Kb / 6P
Harmony, Miniature plug-in relay pre-assembled 6 A, 4 CO, with LED, with lockable test button, mixed terminals socket, 24 V DC
Aug 4, 2021
RXM4AB2B7PVM SCHNEIDER-RXM4AB2B7PVM Datasheet
190Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with LED, with lockable test button, mixed terminals socket, 24 V AC
Aug 4, 2021
RXM4AB1P7PVS SCHNEIDER-RXM4AB1P7PVS Datasheet
192Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with lockable test button, separate terminals socket, 230 V AC
Aug 4, 2021
RXM4AB1P7PVM SCHNEIDER-RXM4AB1P7PVM Datasheet
189Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with lockable test button, mixed terminals socket, 230 V AC
Aug 4, 2021
RXM4AB1B7PVS SCHNEIDER-RXM4AB1B7PVS Datasheet
192Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with lockable test button, separate terminals socket, 24 V AC
Aug 4, 2021
RXM2AB2B7PVM SCHNEIDER-RXM2AB2B7PVM Datasheet
183Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 10 A, 2 CO, with LED, with lockable test button, mixed terminals socket, 24 V AC
Aug 31, 2021
RXM4AB1BDPVM SCHNEIDER-RXM4AB1BDPVM Datasheet
190Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with lockable test button, mixed terminals socket, 24 V DC
Aug 31, 2021
RXM4AB1BDPVS SCHNEIDER-RXM4AB1BDPVS Datasheet
193Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with lockable test button, separate terminals socket, 24 V DC
Aug 31, 2021
RXM4AB2B7PVS SCHNEIDER-RXM4AB2B7PVS Datasheet
192Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with LED, with lockable test button, separate terminals socket, 24 V AC
Aug 31, 2021
RXM4AB2P7PVM SCHNEIDER-RXM4AB2P7PVM Datasheet
190Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with LED, with lockable test button,mixed terminals socket, 230 V AC
Aug 31, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com