Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24CS512T-I/MS Datasheet(PDF) 17 Page - Microchip Technology

Part # 24CS512T-I/MS
Description  512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CS512T-I/MS Datasheet(HTML) 17 Page - Microchip Technology

Back Button 24CS512T-I/MS Datasheet HTML 13Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 14Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 15Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 16Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 17Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 18Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 19Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 20Page - Microchip Technology 24CS512T-I/MS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
 2018-2021 Microchip Technology Inc.
DS20005769C-page 17
24CS512
6.3
Internal Writing Methodology
The 24CS512 incorporates a built-in Error Correction
Code (ECC) logic scheme. The EEPROM array is inter-
nally organized as a group of four connected 8-bit bytes,
plus an additional six ECC (Error Correction Code) bits
of EEPROM. These 38 bits are referred to as the internal
physical data word. During a read operation, the ECC
logic compares each 4-byte physical data word with its
corresponding six ECC bits. If a single bit out of the
4-byte region reads incorrectly, the ECC logic will detect
the bad bit and replace it with the correct value before
the data is serially clocked out. This architecture signifi-
cantly improves the reliability of the 24CS512 compared
to an implementation that does not utilize ECC.
It is important to note that data is always physically
written to the part at the internal physical data word level,
regardless of the number of bytes written. Writing single
bytes is still possible with the byte write operation, but
internally, the other three bytes within that 4-byte loca-
tion where the single byte was written, along with the six
ECC bits, will be updated. Due to this architecture, the
write endurance is rated at the internal physical data
word level (4-byte word).
The system designer needs to optimize the application
writing algorithms to observe these internal word
boundaries in order to reach the write cycle endurance
rating.
6.4
Write Cycle Timing
The length of the self-timed write cycle, or TWC, is
defined as the amount of time from the Stop condition,
that begins the internal write operation, to the Start con-
dition of the first device address byte sent to the
24CS512 that it subsequently responds to with an ACK
(see Figure 6-3).
During the internally self-timed write cycle, any
attempts to access the device will be ignored.
FIGURE 6-3:
WRITE CYCLE TIMING
TWC
Stop
Condition
Start
Condition
Data Word n
ACK
D0
SDA
Stop
Condition
SCL
89
ACK
First Acknowledge from the device to
a valid device address sequence after
write cycle is initiated. The minimum
Twc can only be determined through
the use of an ACK polling routine.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com