Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT24C16D Datasheet(PDF) 30 Page - Microchip Technology

Part # AT24C16D
Description  I짼C-Compatible (Two-Wire) Serial EEPROM 16?멚bit (2,048 x 8)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C16D Datasheet(HTML) 30 Page - Microchip Technology

Back Button AT24C16D Datasheet HTML 26Page - Microchip Technology AT24C16D Datasheet HTML 27Page - Microchip Technology AT24C16D Datasheet HTML 28Page - Microchip Technology AT24C16D Datasheet HTML 29Page - Microchip Technology AT24C16D Datasheet HTML 30Page - Microchip Technology AT24C16D Datasheet HTML 31Page - Microchip Technology AT24C16D Datasheet HTML 32Page - Microchip Technology AT24C16D Datasheet HTML 33Page - Microchip Technology AT24C16D Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Microchip Technology Drawing C04-086 Rev C Sheet 2 of 2
8-Lead Plastic Thin Shrink Small Outline (ST) - 4.4 mm Body [TSSOP]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
0.30
-
0.19
b
Lead Width
8°
4°
0°
Foot Angle
0.25
-
0.09
c
Lead Thickness
0.75
0.60
0.45
L
Foot Length
3.10
3.00
2.90
D
Overall Length
4.50
4.40
4.30
E1
Molded Package Width
6.40 BSC
E
Overall Width
-
-
0.05
A1
Standoff
1.05
1.00
0.80
A2
Molded Package Thickness
1.20
-
-
A
Overall Height
0.65 BSC
e
Pitch
8
N
Number of Pins
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
Units
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
3. Dimensioning and tolerancing per ASME Y14.5M
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
2. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or
protrusions shall not exceed 0.20mm per side.
Notes:
Footprint
L1
1.00 REF
AT24C16D
Packaging Information
© 2017-2021 Microchip Technology Inc.
Datasheet
DS20005858B-page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com