Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7C33256PFS18A-166TQC Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C33256PFS18A-166TQC
Description  3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33256PFS18A-166TQC Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS7C33256PFS18A-166TQC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33256PFS18A-166TQC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33256PFS18A-166TQC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33256PFS18A-166TQC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33256PFS18A-166TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33256PFS18A-166TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33256PFS18A-166TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33256PFS18A-166TQC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C33256PFS18A-166TQC Datasheet HTML 11Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
®
AS7C33256PFS16A
AS7C33256PFS18A
3/14/01; V.1.0
Alliance Semiconductor
P. 7 of 11
Timing waveform of read cycle
Note: Ý = XOR when MODE = HIGH/No Connect; Ý = ADD when MODE = LOW.
BW[a:b] is don’t care.
tCYC
tCH
tCL
tADSPS
tADSPH
tAS
tAH
tWS
tADVS
tOH
CLK
ADSP
ADSC
Address
GWE, BWE
CE0, CE2
ADV
OE
DOUT
tCSS
tCSH
tHZC
tCD
tWH
tADVH
tHZOE
tADSCS
tADSCH
LOAD NEW ADDRESS
ADV INSERTS WAIT STATES
Q(A2Ý10)
Q(A2Ý11)
Q(A3)
Q(A2)
Q(A2Ý01)
Q(A3Ý01)
Q(A3Ý10)
Q(A1)
A2
A1
A3
CE1
(pipelined mode)
DOUT
Q(A2Ý10)
Q(A2Ý11)
Q(A3)
Q(A2Ý01)
Q(A3Ý01)
Q(A3Ý10)
Q(A3Ý11)
Q(A1)
(flow-through mode)
tHZC
tOE
tLZOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com