Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG528 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG528
Description  Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG528 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG528 Datasheet HTML 1Page - Vishay Siliconix DG528 Datasheet HTML 2Page - Vishay Siliconix DG528 Datasheet HTML 3Page - Vishay Siliconix DG528 Datasheet HTML 4Page - Vishay Siliconix DG528 Datasheet HTML 5Page - Vishay Siliconix DG528 Datasheet HTML 6Page - Vishay Siliconix DG528 Datasheet HTML 7Page - Vishay Siliconix DG528 Datasheet HTML 8Page - Vishay Siliconix DG528 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DG528/529
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
5-4
Document Number: 70068
P-32167—Rev. C, 15-Nov-93
SPECIFICATIONSa
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V– = –15 V, WR = 0
A Suffix
–55 to 125
_C
B, C, D
Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V, WR = 0
RS = 2.4 V, VIN = 2.4 V, 0.8 mFf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Power Supplies
Positive Supply Current
I+
VEN = 0 V, VA = 0
Room
2.5
2.5
mA
Negative Supply Current
I–
VEN = 0 V, VA = 0
Room
–1.5
–1.5
mA
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
–20
–15
–10
–5
0
5
10
15
20
500
400
300
200
100
rDS(on) vs. VD and Power Supply
VD – Drain Voltage (V)
"7.5 V
"10 V
"15 V
"20 V
TA = 25_C
–15
–10
–5
0
5
10
15
0
–20
–40
–60
Leakage Currents vs. Analog Voltage
ID(off)
ID(on)
IS(off)
"15 V Supplies
TA = 25_C
VANALOG – Analog Voltage (V)
2.5
2.0
1.5
1.0
0.5
0
Input Switching Threshold vs.
V+ and V– Supply Voltages
V+, V– Positive and Negative Supplies (V)
TA = 25_C
0
"5
"10
"15
"20
Supply Currents vs. Toggle Frequency
1 k
10 k
100 k
1 M
4
3
2
1
0
I+
I–
Toggle Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com