Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC200D-22-M2/Q Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # SC200D-22-M2/Q
Description  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC200D-22-M2/Q Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button SC200D-22-M2/Q Datasheet HTML 3Page - M-System Co.,Ltd. SC200D-22-M2/Q Datasheet HTML 4Page - M-System Co.,Ltd. SC200D-22-M2/Q Datasheet HTML 5Page - M-System Co.,Ltd. SC200D-22-M2/Q Datasheet HTML 6Page - M-System Co.,Ltd. SC200D-22-M2/Q Datasheet HTML 7Page - M-System Co.,Ltd. SC200D-22-M2/Q Datasheet HTML 8Page - M-System Co.,Ltd. SC200D-22-M2/Q Datasheet HTML 9Page - M-System Co.,Ltd. SC200D-22-M2/Q Datasheet HTML 10Page - M-System Co.,Ltd. SC200D-22-M2/Q Datasheet HTML 11Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MODEL: SC200D
SC200D SPECIFICATIONS
ES-6334 Rev.0 Page 9/11
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Excitation
Supply
Isolation
Sensor
Excitation
Input
Circuit
Isolation
A
B
B
*3. Connect input resistor module (model: REM4) for current input.
*4. Connect CJC sensor for thermocouple input.
*5. Connect input resistor module (model: REM4).
■ UNIVERSAL INPUT CONNECTION E.G.
RTD
A
B
A
B
C
A
B
C
A
B
C
T/C
CJC SENSOR
C
3
2
1
POTENTIOMETER
max.
min.
*
3
*
4
*
5
R
A
B
C
R
29
30
2-Wire
XMTR
+
–
+
–
+
–
+
–
+
–
VOLT / CURRENT
INPUT
■ DISCRETE INPUT PULSE
INPUT CONNECTION E.G.:
Dry contact
1 or 2kΩ
+
–
A/D
Converter
Discrete
Input
Circuit
34
+
35
+
36
+
37
+
38
+
39
−
+
42
A1
B1
C1 44
43
45
47
46
A2
B2
C2
48
+
49
+
Ai 1
Ai 2
50
+
Ai 3
51
+
52
−
Ai 4
14
1
15
2
+
−
SHLD
40
41
27
28
+
−
SHLD
16
17
18
19
20
21
22
23
24
25
Do 1
Increase Pulse
Do 2
Decrease Pulse
Do 3
Do 4
Do 5
10
11
3 +
4 −
Mv 1
5 +
6 −
Mv 2
7 +
Ao 1
8 +
9 −
Ao 2
12
13
U (+)
V (–)
26 FG
T4
T1
T2
T3
T4
T1
T2
T3
Di 1 / Pi 1
Di 2 / Pi 2
Di 3 / Pi 3
Di 4 / Pi 4
Di 5 / Pi 5
Isolation
Isolation
Isolation
Isolation
A/D
Converter
A/D
Converter
Di 6 / Pi 6
Pv 1 UNIVERSAL INPUT
Pv 2 UNIVERSAL INPUT
PC CONFIGURATOR/
BUILDER SOFTWARE
JACK
SENSOR EXC
INPUT
COM
Digital
Computation
Display /
Setting
Isolation
Isolation
Isolation
Isolation
Isolation
Isolation
Output
Driver
Output
Driver
Output
Driver
Output
Driver
POWER
Shielded Twisted-pair Cable
Shielded Twisted-pair Cable
To Other
NestBus
Devices
To Other
Modbus-RTU
Devices
RJ-45 CONNECTOR Modbus/TCP
Do 6
RUN CONTACT
*1. Close across the terminals 27 – 28 when the unit is located at the end of a transmission line (= no cross-wiring).
*2. Close across the terminals 14 – 15 when the unit is located at the end of a transmission line (= no cross-wiring).
Jumper*1
Jumper*2
31
33
32
+
–
2-WIRE TRANSMITTER
29
30
+12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com