Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL601-15SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL601-15SC
Description  Low Phase Noise PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-15SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL601-15SC Datasheet HTML 1Page - PhaseLink Corporation PLL601-15SC Datasheet HTML 2Page - PhaseLink Corporation PLL601-15SC Datasheet HTML 3Page - PhaseLink Corporation PLL601-15SC Datasheet HTML 4Page - PhaseLink Corporation PLL601-15SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary
PLL601-15
Low Phase Noise PLL Clock Multiplier
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 01/08/02 Page 1
FEATURES
• Full swing CMOS outputs with 25 mA drive
capability at TTL levels.
• Reference 20-30MHz crystal or clock.
• Integrated crystal load capacitor: no external
load capacitor required.
• Output clocks up to 150MHz at 3.3V.
• Low phase noise (-126dBc/Hz @ 1kHz).
• Output Enable function.
• Low jitter (RMS): 6.4ps (period), 9.4ps (accum.)
• Advanced low power sub-micron CMOS process.
• 3.3V operation.
• Available in 8-Pin SOIC or TSSOP.
DESCRIPTIONS
The PLL601-15 is a low cost, high performance and
low phase noise clock synthesizer. It implements
PhaseLink’s proprietary analog and digital Phase
Locked Loop techniques for a fixed 5x multiplier.
The chip accepts crystal or clock inputs ranging from
20 to 30MHz, and produces outputs clocks up to
150MHz at 3.3V.
BLOCK DIAGRAM
PIN CONFIGURATION
CRYSTAL RANGE
Multiplier
Xtal range
5x
20-30MHz
Phase
Locked
Loop
XTAL
OSC
CLK
XIN
XOUT
1
2
3
4
5
6
7
8
XIN
GND
GND
GND
XOUT
VDD
CLK
VDD


Similar Part No. - PLL601-15SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL601-12 PLL-PLL601-12 Datasheet
203Kb / 5P
Dual Output PLL Clock with Selectable Odd Multiplier
PLL601-12SC PLL-PLL601-12SC Datasheet
203Kb / 5P
Dual Output PLL Clock with Selectable Odd Multiplier
PLL601-12SC-R PLL-PLL601-12SC-R Datasheet
203Kb / 5P
Dual Output PLL Clock with Selectable Odd Multiplier
More results

Similar Description - PLL601-15SC

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
logo
PhaseLink Corporation
PLL601-01 PLL-PLL601-01 Datasheet
201Kb / 5P
Low Phase Noise PLL Clock Multiplier
PLL601-02 PLL-PLL601-02 Datasheet
200Kb / 4P
Low Phase Noise PLL Clock Multiplier
PLL601-03 PLL-PLL601-03 Datasheet
85Kb / 5P
Low Phase Noise PLL Clock Multiplier
logo
Integrated Circuit Syst...
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
ABX0102 ABRACON-ABX0102 Datasheet
56Kb / 4P
Low Phase Noise PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com