Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM25005 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM25005
Description  42V, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25005 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM25005 Datasheet HTML 1Page - National Semiconductor (TI) LM25005 Datasheet HTML 2Page - National Semiconductor (TI) LM25005 Datasheet HTML 3Page - National Semiconductor (TI) LM25005 Datasheet HTML 4Page - National Semiconductor (TI) LM25005 Datasheet HTML 5Page - National Semiconductor (TI) LM25005 Datasheet HTML 6Page - National Semiconductor (TI) LM25005 Datasheet HTML 7Page - National Semiconductor (TI) LM25005 Datasheet HTML 8Page - National Semiconductor (TI) LM25005 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN to GND
45V
BST to GND
60V
PRE to GND
45V
SW to GND (Steady State)
-1.5V
BST to V
CC
45V
V
CC to GND
14V
BST to SW
14V
OUT to GND
Limited to Vin
SD, SYNC, SS, FB to GND
7V
ESD Rating (Note 2)
Human Body Model
2kV
Storage Temperature Range
-65˚C to +150˚C
Operating Ratings (Note 1)
V
IN
7V to 42V
Operation Junction Temperature
−40˚C to + 125˚C
Electrical Characteristics Specifications with standard typeface are for T
J = 25˚C, and those with boldface
type apply over full Operating Junction Temperature range.V
IN = 24V, RT = 32.4k
Ω unless otherwise stated. (Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
STARTUP REGULATOR
VccReg
Vcc Regulator Output
6.85
7.15
7.45
V
Vcc LDO Mode turn-off
9
V
Vcc Current Limit
Vcc = 0V
20
mA
VCC SUPPLY
Vcc UVLO Threshold
(Vcc increasing)
5.95
6.35
6.75
V
Vcc Undervoltage Hysteresis
1
V
Bias Current (Iin)
FB = 1.3V
3
4.5
mA
Shutdown Current (Iin)
SD = 0V
50
85
µA
SHUTDOWN THRESHOLDS
Shutdown Threshold
(SD Increasing)
0.5
0.7
0.9
V
Shutdown Hysteresis
0.1
V
Standby Threshold
(Standby Increasing)
1.18
1.225
1.27
V
Standby Hysteresis
0.1
V
SD Pull-up Current Source
5
µA
SWITCH CHARACTERSICS
Buck Switch Rds(on)
160
320
m
Ω
BOOST UVLO
3.8
V
BOOST UVLO Hysteresis
0.56
V
Pre-charge Switch Rds(on)
75
Ω
Pre-charge Switch on-time
275
ns
CURRENT LIMIT
Cycle by Cycle Current Limit
RAMP = 0V
3
3.5
4.25
A
Cycle by Cycle Current Limit Delay
RAMP = 2.5V
100
ns
SOFT-START
SS Current Source
7
10
14
µA
OSCILLATOR
Frequency1
180
200
220
KHz
Frequency2
RT = 11k
Ω
425
485
525
KHz
SYNC Source Impedance
10
k
Ω
SYNC Sink Impedance
160
Ω
SYNC Threshold (falling)
1.4
V
Upper SYNC Frequency
550
KHz
SYNC Pulse Width Minimum
15
ns
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com